Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83959 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83959
Description  8-Port Lite Ethernet Repeater Interface Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83959 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DP83959 Datasheet HTML 4Page - National Semiconductor (TI) DP83959 Datasheet HTML 5Page - National Semiconductor (TI) DP83959 Datasheet HTML 6Page - National Semiconductor (TI) DP83959 Datasheet HTML 7Page - National Semiconductor (TI) DP83959 Datasheet HTML 8Page - National Semiconductor (TI) DP83959 Datasheet HTML 9Page - National Semiconductor (TI) DP83959 Datasheet HTML 10Page - National Semiconductor (TI) DP83959 Datasheet HTML 11Page - National Semiconductor (TI) DP83959 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
4.0
Pin Descriptions (Continued)
www.national.com
P/L_6A
P/L_6B
O (14mA
max.)
20
21
Partition/Link OK LED 6 - A and B: LED outputs (for use with single or
bi-color LEDs) with the following function:
Link Status
/OK
/OK
OK
OK
Partition Status
/PART
PART
/PART
PART
A Output
1
1
0
1
B Output
1
1
1
0
P/L_7A
P/L_7B
O (14mA
max.)
22
25
Partition/Link OK LED 7 - A and B: LED outputs (for use with single or
bi-color LEDs) with the following function:
Link Status
/OK
/OK
OK
OK
Partition Status
/PART
PART
/PART
PART
A Output
1
1
0
1
B Output
1
1
1
0
P/L_8A
P/L_8B
O (14mA
max.)
26
27
Partition/Link OK LED 8 - A and B: LED outputs (for use with single or
bi-color LEDs) with the following function:
Link Status
/OK
/OK
OK
OK
Partition Status
/PART
PART
/PART
PART
A Output
1
1
0
1
B Output
1
1
1
0
/TRAF1
O (14mA
max.)
150
Traffic Monitor LED 1 (1%):
0 = 1% Traffic Level reached or exceeded
1 = Traffic Level less than 1%
/TRAF2
O (14mA
max.)
151
Traffic Monitor LED 2 (2%):
0 = 2% Traffic Level reached or exceeded
1 = Traffic Level less than 2%
/TRAF3
O (14mA
max.)
152
Traffic Monitor LED 3 (3%):
0 = 3% Traffic Level reached or exceeded
1 = Traffic Level less than 3%
/TRAF4
O (14mA
max.)
154
Traffic Monitor LED 4 (6%):
0 = 6% Traffic Level reached or exceeded
1 = Traffic Level less than 6%
/TRAF5
O (14mA
max.)
155
Traffic Monitor LED 5 (12%):
0 = 12% Traffic Level reached or exceeded
1 = Traffic Level less than 12%
/TRAF6
O (14mA
max.)
156
Traffic Monitor LED 6 (25%):
0 = 25% Traffic Level reached or exceeded
1 = Traffic Level less than 25%
/TRAF7
O (14mA
max.)
158
Traffic Monitor LED 7 (50%):
0 = 50% Traffic Level reached or exceeded
1 = Traffic Level less than 50%
/TRAF8
O (14mA
max.)
159
Traffic Monitor LED 8 (>80%):
0 = >80% Traffic Level reached or exceeded
1 = Traffic Level less than 80%
/ALERT
O (14mA
max.)
149
Alert LED: This LED output indicates that greater than 80% traffic level for
one second or more has occurred, or a 10BASE-T port partition has occurred.
The output remains active until the current event condition ceases or, if the
event condition is shorter than 30ms, for a minimum of 30ms (nominal value).
Active low.
Signal Name
Type
Pin #
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com