Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83959 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83959
Description  8-Port Lite Ethernet Repeater Interface Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83959 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DP83959 Datasheet HTML 5Page - National Semiconductor (TI) DP83959 Datasheet HTML 6Page - National Semiconductor (TI) DP83959 Datasheet HTML 7Page - National Semiconductor (TI) DP83959 Datasheet HTML 8Page - National Semiconductor (TI) DP83959 Datasheet HTML 9Page - National Semiconductor (TI) DP83959 Datasheet HTML 10Page - National Semiconductor (TI) DP83959 Datasheet HTML 11Page - National Semiconductor (TI) DP83959 Datasheet HTML 12Page - National Semiconductor (TI) DP83959 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9
4.0
Pin Descriptions (Continued)
www.national.com
4.4
INTER-LERIC BUS INTERFACE
/PART0
O (14mA
max.)
39
Partition LED 0: Partition LED output for the AUI port. Active low.
/GCOL
O (14mA
max.)
4
Global Collision LED: Global collision status LED output. Indicates collision
activity on any port. Active low. This output will be asserted low until the start
of the next network event or for a maximum of 30ms (nominal value).
/GACT
O (14mA
max.)
5
Global Activity LED: Global Activity LED output. Indicates receive activity
(carrier sense active) on any port. Active low. This output will be asserted low
until the start of the next network event or for a maximum of 30ms (nominal
value).
Signal Name
Type
Pin #
Description
Signal Name
Type
Pin #
Description
/ACKI
I
32
Acknowledge Input: to the network ports' arbitration chain. If the Inter-LERIC
bus is not being used or if this LERIC8 is at the top of the /ACKI - /ACKO chain
or is the only repeater chip in the system, this pin should be connected to VCC
either directly or via a pull-up resistor (
≈ 4.7 kΩ). Otherwise, this input should
be driven from the previous LERIC8's /ACKO output.
/ACKO
O
33
Acknowledge Output: from the network ports' arbitration chain, connected to
the /ACKI of the next repeater chip in the /ACKI - /ACKO chain. If this LERIC8
is not chained to any other repeater chips, this pin should be left unconnected.
IRD
I/O
45
Inter-LERIC Data: When asserted as an output this signal provides a serial
data stream in NRZ format. The signal is asserted by a LERIC8 when it is
receiving data from one of its network segments. The default condition of this
signal is to be an input. In this state it may be driven by other devices on the
Inter-LERIC bus. If the Inter-LERIC bus is not being used, this pin should be
left unconnected (it has an internal pull-up resistor of 14 k
Ω) or pulled up to
VCC via an external resistor.
/IRE
I/O
44
Inter-LERIC Enable: When asserted as an output this signal provides an
activity framing enable for the serial data stream. The signal is asserted by a
LERIC8 when it is receiving data from one of its network segments. The
default condition of this signal is to be an input. In this state it may be driven by
other devices on the Inter-LERIC bus. If the Inter-LERIC bus is not being
used, this pin should be left unconnected (it has an internal pull-up resistor of
14 k
Ω) or pulled up to V
CC via an external resistor. If the Inter-LERIC bus is to
be used, this signal should have an external 680
Ω pull-up resistor to ensure
fast de-assertion.
IRC
I/O
43
Inter-LERIC Clock: When asserted as an output this signal provides a clock
signal for the serial data stream. Data (IRD) is changed on the falling edge of
the clock. The signal is asserted by a LERIC8 when it is receiving data from
one of its network segments. The default condition of this signal is to be an
input. When an input, IRD is sampled on the rising edge of the clock. In this
state it may be driven by other devices on the Inter-LERIC bus. If the
Inter-LERIC bus is not being used, this pin should be left unconnected (it has
an internal pull-up resistor of 14 k
Ω) or pulled up to V
CC via an external
resistor.
/COLN
I/O
50
Collision on Port N: This denotes that a collision is occurring on the port
receiving the data packet (Port N). The default condition of this signal is to be
an input. In this state it may be driven by other devices on the Inter-LERIC
bus. If the Inter-LERIC bus is not being used, this pin should be left
unconnected (it has an internal pull-up resistor of 3.5 k
Ω) or pulled up to V
CC
via an external resistor. If the Inter-LERIC bus is to be used, this signal should
have an external 680
Ω pull-up resistor to ensure fast de-assertion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com