Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3560 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3560
Description  Synchronous Boost Flash Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3560 Datasheet(HTML) 2 Page - Texas Instruments

  LM3560 Datasheet HTML 1Page - Texas Instruments LM3560 Datasheet HTML 2Page - Texas Instruments LM3560 Datasheet HTML 3Page - Texas Instruments LM3560 Datasheet HTML 4Page - Texas Instruments LM3560 Datasheet HTML 5Page - Texas Instruments LM3560 Datasheet HTML 6Page - Texas Instruments LM3560 Datasheet HTML 7Page - Texas Instruments LM3560 Datasheet HTML 8Page - Texas Instruments LM3560 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
A1
A2
B1
B2
B3
Top View
A3
C2
C1
C3
D2
D3
A4
B4
C4
D4
D1
LM3560
SNOSB43B – SEPTEMBER 2011 – REVISED AUGUST 2013
www.ti.com
DESCRIPTION (CONTINUED)
The LM3560 is controlled via an I2C-compatible interface. Features include: an internal 4-bit ADC to monitor the
LED voltage, independent LED current control, a hardware flash enable allowing a logic input to trigger the flash
pulse, dual TX inputs which force the flash pulse into a low-current torch mode allowing for synchronization to RF
power amplifier events or other high-current conditions, and an integrated comparator designed to monitor an
NTC thermistor and provide an interrupt to the LED current. Additionally, an active high HWEN input provides a
hardware shutdown during system software failures.
The 2MHz switching frequency, over-voltage protection and adjustable current limit allow for the use of tiny, low-
profile (1 µH and 2.2 µH) inductors and (10 µF) ceramic capacitors. The device is available in a ultra-small 16-
bump (1.97mm x 1.97mm x 0.6mm) DSBGA package and operates over the
−40°C to +85°C temperature range.
Connection Diagram
16-Bump 1.97 mm x 1.97 mm x 0.6 mm DSBGA Package YZR0016
PIN DESCRIPTIONS
Pin
Name
Function
A1
LED1
High Side Current Source Output for Flash LED.
A2, B2
OUT
Step-Up DC/DC Converter Output. Connect a 10 µF ceramic capacitor between this pin and GND.
A3, B3
SW
Drain Connection for Internal NMOS and Synchronous PMOS Switches.
A4, B4
GND
Ground
B1
LED2
High-Side Current Source Output for Flash LED.
LEDI/NTC
Configurable as a High-Side Current Source Output for Indicator LED or Comparator Input for LED
C1
Temperature Sensing.
TX1/TORCH/
Configurable as a Dual-Polarity RF Power Amplifier Synchronization Input, an Interrupt Output, or as
C2
GPIO1
a General Purpose Logic I/O. This pin has an internal 300k
Ω pull down to GND.
C3
STROBE
Active High Hardware Flash Enable. Drive STROBE high to turn on the Flash pulse. This pin has an
internal 300 k
Ω pull down to GND.
C4
IN
Input Voltage Connection. Connect IN to the input supply, and bypass to GND with a minimum 10
µF ceramic capacitor.
D1
TX2/INT/GPIO2
Configurable as a Dual-Polarity Power Amplifier Synchronization Input, an Interrupt Output, or as a
General Purpose Logic I/O. This pin has an internal 300 k
Ω pull down to GND.
D2
SDA
Serial Data Input/Output. High impedance in shutdown or in power down.
D3
SCL
Serial Clock Input. High impedance in shutdown or in power down.
Logic High Hardware Enable. HWEN is a high impedance input and is normally connected with an
D4
HWEN
external pull up resistor to a logic high voltage.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com