Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3560 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3560
Description  Synchronous Boost Flash Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3560 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3560 Datasheet HTML 9Page - Texas Instruments LM3560 Datasheet HTML 10Page - Texas Instruments LM3560 Datasheet HTML 11Page - Texas Instruments LM3560 Datasheet HTML 12Page - Texas Instruments LM3560 Datasheet HTML 13Page - Texas Instruments LM3560 Datasheet HTML 14Page - Texas Instruments LM3560 Datasheet HTML 15Page - Texas Instruments LM3560 Datasheet HTML 16Page - Texas Instruments LM3560 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
LM3560
www.ti.com
SNOSB43B – SEPTEMBER 2011 – REVISED AUGUST 2013
DEVICE INFORMATION
Overview
The LM3560 is a high-power white LED flash driver capable of delivering up to 2A of LED current into a single
LED, or up to 1A into two parallel LEDs. The device incorporates a 2MHz constant frequency, synchronous boost
converter, and two high-side current sources to regulate the LED current over the 2.5V to 5.5V input voltage
range.
During operation when the output voltage is greater than VIN – 150 mV the boost converter switches and
maintains at least 300 mV across both current sources (LED1 and LED2). This minimum headroom voltage
ensures that the current sources remain in regulation. When the input voltage rises above the LED voltage +
current source headroom voltage, the device stops switching and turns the PFET on continuously (Pass mode).
In Pass mode the difference between (VIN - ILED x RON_P) and the voltage across the LED's is dropped across the
current sources.
Four hardware control pins provide control of the LM3560. These include a hardware Flash Enable (STROBE),
Dual Flash Interrupt inputs (TX1 and TX2) designed to interrupt the flash pulse during high battery current
conditions, and a logic high hardware enable (HWEN) that can be pulled low to rapidly place the device into
shutdown. Additional features of the LM3560 include an internal 4-bit ADC for LED voltage monitoring, an
internal comparator for LED thermal sensing via an external NTC thermistor, an input voltage monitor that can
reduce the Flash current during input undervoltage conditions, a low-power message indicator LED current
source, and a mode for utilizing the flash LEDs as a privacy indicator.
Control of the LM3560 is done via an I2C-compatible interface. This includes adjustment of the Flash and Torch
current levels, adjustment of the indicator LED currents, changing the Flash Timeout Duration, changing the
switch current limit, and reading back the ADC results. Additionally, there are 8 flag bits that indicate flash current
time-out, LED over-temperature, LED failure (LED short or output OVP condition), device thermal shutdown, VIN
under voltage condition, VIN Flash Monitor undervoltage condition, and the occurrence of a TX1 or TX2 interrupt.
STARTUP (ENABLING THE DEVICE)
Turn-on of the LM3560 is done through bits [1:0] of the Enable Register. These bits enable the device in Torch
mode, Flash mode, or Privacy Indicate mode. Additionally, bit 6 of the Enable Register enables the message
indicator at the LEDI/NTC pin. On startup, when VOUT is less than VIN, the internal synchronous PFET turns on
as a current source and delivers 350 mA to the output capacitor. During this time both current sources (LED1,
and LED2) are off. When the voltage across the output capacitor reaches 2.2V the current sources can turn on.
At turn-on the current sources step through each FLASH and TORCH level until their target LED current is
reached (32 µs/step). This gives the device a controlled turn-on and limits inrush current from the VIN supply.
INDEPENDENT LED CONTROL
Bits [4:3] of the Enable register provide for independent turn-on and turn-off of the LED1 or LED2 current
sources. Once enabled, the LED current is adjusted by writing to the Torch Brightness or Flash Brightness
Registers depending on whether Flash or Torch mode is selected. Both the Torch Brightness and the Flash
Brightness Registers provide for independent current programming for the LED currents in either LED1 or LED2.
(See TORCH BRIGHTNESS REGISTER DESCRIPTIONS (Address 0xA0) and FLASH BRIGHTNESS
REGISTER (Address 0xB0).)
PASS MODE
On turn-on when the output voltage charges up to ( VIN – 150 mV), the LM3560 will decide if the part operates in
Pass Mode or Boost mode. If the voltage difference between VOUT and VLED is less then 300 mV, the device
operates in Boost Mode. If the difference between VOUT and VLED is greater then 300 mV, the device operates in
Pass Mode. In Pass Mode the boost converter stops switching and the synchronous PFET turns fully on bringing
VOUT up to (VIN – IIN x RPMOS) where RPMOS = 80 mΩ. In Pass Mode the inductor current is not limited by the
peak current limit. In this situation the output current must be limited to 3A.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com