Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3560 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LM3560
Description  Synchronous Boost Flash Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3560 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LM3560 Datasheet HTML 37Page - Texas Instruments LM3560 Datasheet HTML 38Page - Texas Instruments LM3560 Datasheet HTML 39Page - Texas Instruments LM3560 Datasheet HTML 40Page - Texas Instruments LM3560 Datasheet HTML 41Page - Texas Instruments LM3560 Datasheet HTML 42Page - Texas Instruments LM3560 Datasheet HTML 43Page - Texas Instruments LM3560 Datasheet HTML 44Page - Texas Instruments LM3560 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
70
75
80
85
90
95
100 105 110
TEMPERATURE (°C)
VBIAS = 2.5V,
@ +25°C, B = 4500,
R3 = 9 k:
RTHERMISTOR = 100 k:
( )
(
)
1
1
93 273
298
R T
100 k
e
6.047 k
6.047 k
2.5 V
1V
R3 is then :
9.071k
1V
æ
ö
b
-
ç
÷
+
è
ø
=
W ´
=
W
W ´
-
=
W
LM3560
www.ti.com
SNOSB43B – SEPTEMBER 2011 – REVISED AUGUST 2013
(6)
Figure 46 shows the linearity of the thermistor resistive divider of the previous example.
Figure 46. Thermistor Resistive Divider Response vs Temperature
Layout Recommendations
The high switching frequency and large switching currents of the LM3560 make the choice of layout important.
The following steps should be used as a reference to ensure the device is stable and maintains proper LED
current regulation across its intended operating voltage and current range.
1. Place CIN on the top layer (same layer as the LM3560) and as close to the device as possible. The input
capacitor conducts the driver currents during the low side MOSFET turn-on and turn-off and can see current
spikes over 1A in amplitude. Connecting the input capacitor through short wide traces to both the IN and
GND terminals will reduce the inductive voltage spikes that occur during switching and which can corrupt the
VIN line.
2. Place COUT on the top layer (same layer as the LM3560) and as close as possible to the OUT and GND
terminal. The returns for both CIN and COUT should come together at one point, and as close to the GND pin
as possible. Connecting COUT through short wide traces will reduce the series inductance on the OUT and
GND terminals that can corrupt the VOUT and GND line and cause excessive noise in the device and
surrounding circuitry.
3. Connect the inductor on the top layer close to the SW pin. There should be a low-impedance connection
from the inductor to SW due to the large DC inductor current, and at the same time the area occupied by the
SW node should be small so as to reduce the capacitive coupling of the high dV/dt present at SW that can
couple into nearby traces.
4. Avoid routing logic traces near the SW node so as to avoid any capacitively coupled voltages from SW onto
any high-impedance logic lines such as TX1/TORCH/GPIO1, TX2/INT/GPIO2, HWEN, LEDI/NTC (NTC
mode), SDA, and SCL. A good approach is to insert an inner layer GND plane underneath the SW node and
between any nearby routed traces. This creates a shield from the electric field generated at SW.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: LM3560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com