Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3560 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LM3560
Description  Synchronous Boost Flash Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3560 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM3560 Datasheet HTML 35Page - Texas Instruments LM3560 Datasheet HTML 36Page - Texas Instruments LM3560 Datasheet HTML 37Page - Texas Instruments LM3560 Datasheet HTML 38Page - Texas Instruments LM3560 Datasheet HTML 39Page - Texas Instruments LM3560 Datasheet HTML 40Page - Texas Instruments LM3560 Datasheet HTML 41Page - Texas Instruments LM3560 Datasheet HTML 42Page - Texas Instruments LM3560 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
where
IN
IN
OUT
(
)
- V
V
x
V
L =
I
'
OUT
SW
V
x
L
x
f
x
2
I
+
x
R
=
V
L
ESR
ESR
'
'
V
x
I
OUT
LED
VIN
¹
·
©
§
Q =
V

(
)
IN
OUT
LED
- V
V
x
I
OUT
OUT
SW
C
x
V
x
f
LM3560
www.ti.com
SNOSB43B – SEPTEMBER 2011 – REVISED AUGUST 2013
APPLICATIONS INFORMATION
Output Capacitor Selection
The LM3560 is designed to operate with at least a 10 µF ceramic output capacitor. When the boost converter is
running the output capacitor supplies the load current during the boost converters on-time. When the NMOS
switch turns off the inductor energy is discharged through the internal PMOS switch, supplying power to the load
and restoring charge to the output capacitor. This causes a sag in the output voltage during the NFET on-time
and a rise in the output voltage during the NFET off-time. The output capacitor is therefore chosen to limit the
output ripple to an acceptable level depending on load current and input/output voltage differentials and also to
ensure the converter remains stable.
For proper operation the output capacitor must be at least a 10 µF ceramic. Larger capacitors such as a 22 µF or
multiple capacitors in parallel can be used if lower output voltage ripple is desired. To estimate the output voltage
ripple considering the ripple due to capacitor discharge (
ΔVQ) and the ripple due to the capacitors ESR (ΔVESR)
use the following equations:
For continuous conduction mode, the output voltage ripple due to the capacitor discharge is:
(1)
The output voltage ripple due to the output capacitors ESR is found by:
(2)
In ceramic capacitors the ESR is very low so a close approximation is to assume that 80% of the output voltage
ripple is due to capacitor discharge and 20% from ESR. Table 20 lists different manufacturers for various output
capacitors and their case sizes suitable for use with the LM3560.
Input Capacitor Selection
Choosing the correct size and type of input capacitor helps minimize the input voltage ripple caused by the
switching of the LM3560’s boost converter, and reduces noise on the boost converters input terminal that can
feed through and disrupt internal analog signals. In the Typical Application Circuit a 10 µF ceramic input
capacitor works well. It is important to place the input capacitor as close as possible to the LM3560’s input (IN)
terminals. This reduces the series resistance and inductance that can inject noise into the device due to the input
switching currents. Table 20 lists various input capacitors that are recommended for use with the LM3560.
Table 20. Recommended Input/Output Capacitors (X5R Dielectric)
Manufacturer
Part Number
Value
Case Size
Voltage Rating
TDK Corporation
C1608JB0J106M
10 µF
0603 (1.6mm×0.8mm×0.8mm)
6.3V
TDK Corporation
C2012JB1A106M
10 µF
0805 (2mm×1.25mm×1.25mm)
10V
Murata
GRM21BR61A106KE19
10 µF
0805 (2mm×1.25mm×1.25mm)
10V
Inductor Selection
The LM3560 is designed to use a 1 µH or 2.2 µH inductor. Table 21 lists various inductors and their
manufacturers that can work well with the LM3560. When the device is boosting (VOUT > VIN) the inductor will
typically be the largest area of efficiency loss in the circuit. Therefore, choosing an inductor with the lowest
possible series resistance is important. Additionally, the saturation rating of the inductor should be greater than
the maximum operating peak current of the LM3560. This prevents excess efficiency loss that can occur with
inductors that operate in saturation. For proper inductor operation and circuit performance, ensure that the
inductor saturation and the peak current limit setting of the LM3560 are greater than IPEAK in the following
calculation:
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM3560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com