Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3560 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LM3560
Description  Synchronous Boost Flash Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3560 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM3560 Datasheet HTML 30Page - Texas Instruments LM3560 Datasheet HTML 31Page - Texas Instruments LM3560 Datasheet HTML 32Page - Texas Instruments LM3560 Datasheet HTML 33Page - Texas Instruments LM3560 Datasheet HTML 34Page - Texas Instruments LM3560 Datasheet HTML 35Page - Texas Instruments LM3560 Datasheet HTML 36Page - Texas Instruments LM3560 Datasheet HTML 37Page - Texas Instruments LM3560 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
LM3560
SNOSB43B – SEPTEMBER 2011 – REVISED AUGUST 2013
www.ti.com
VIN MONITOR REGISTER (Address 0x80)
The VIN Monitor Register controls the Enable bit for the VIN Monitor, the threshold select for the VIN Monitor, the
enable bit for the VIN Flash Monitor, and the threshold select for the VIN Flash Monitor (see Table 12).
Table 12. VIN Monitor Register Descriptions
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(Not used)
(Not used)
(VIN Flash
(VIN Flash
(VIN Flash
(VIN Monitor
(VIN Monitor
(VIN Monitor
Monitor
Monitor
Monitor
Threshold1)
Threshold0)
Enable)
Threshold 1)
Threshold 2)
enable)
N/A
00= 2.9V (default)
0 = VIN Flash
00 = 2.9V Default
0 = VIN Monitor
01 = 3.0V
Monitor is
01= 3.0V
disabled (default)
10 = 3.1V
disabled
10 = 3.1V
11 = 3.2V
(default)
11 = 3.2V
1 = VIN Flash
1 = VIN Monitor is
Monitor is
enabled
enabled
LAST FLASH REGISTER (Address 0x81)
The Last Flash Register is a read-only register which is loaded with the flash code corresponding to the flash
level that the LM3560 was at if any of the following events happen:
1. Voltage at LEDI/NTC falling below VTRIP with the device in NTC mode (Configuration Register 1 bit[4] = 1);
2. Input voltage falling below the programmed VIN Monitor Threshold with device in VIN Monitor mode (VIN
Monitor Register bit [0] = 1); or
3. Input voltage falling below the programmed VIN Flash Monitor Threshold with the device in VIN Flash
Monitor mode (VIN Monitor Register bit [3] = 1).
The Last Flash Register is updated at the same time that the corresponding Flag bit is written to the Flags
Register. This results in a delay of 250 µs from when VLEDI/NTC (NTC mode) crosses VTRIP, or VIN (VIN Monitor
enabled) crosses the VIN_TH. During VIN Flash Monitor there is a 8us deglitch time so the VIN Flash Monitor Flag
is written (and the Last Flash Register is updated) 8 µs after VIN falls below VIN_FLASH.
Table 13. Last Flash Register Descriptions
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LF2A)
(LF2B)
(LF2C)
(LF2D)
(LF1A)
(LF1B)
(LF1C)
(LF1D)
These bits are read only and represent the Flash Current Code
These bits are read only and represent the Flash Current Code for
for LED2 that the LM3560 was at during the interrupt.
LED1 that the LM3560 was at during the interrupt.
0000 = 62.5 mA
0000 = 62.5 mA
0001 = 125 mA
0001 = 125 mA
0010 = 187.5 mA
0010 = 187.5 mA
0011 = 250 mA
0011 = 250 mA
0100 = 312.5 mA
0100 = 312.5 mA
0101 = 375 mA
0101 = 375 mA
0110 = 437.5 mA
0110 = 437.5 mA
0111 = 500 mA
0111 = 500 mA
1000 = 562.5 mA
1000 = 562.5 mA
1001 = 625 mA
1001 = 625 mA
1010 = 687.5 mA
1010 = 687.5 mA
1011 = 750 mA
1011 = 750 mA
1100 = 812.5 mA
1100 = 812.5 mA
1101 = 875 mA
1101 = 875 mA
1110 = 937.5 mA
1110 = 937.5 mA
1111 = 1000 mA
1111 = 1000 mA
34
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com