Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM640 Datasheet(PDF) 128 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 128 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 124Page - Texas Instruments TMS320DM640 Datasheet HTML 125Page - Texas Instruments TMS320DM640 Datasheet HTML 126Page - Texas Instruments TMS320DM640 Datasheet HTML 127Page - Texas Instruments TMS320DM640 Datasheet HTML 128Page - Texas Instruments TMS320DM640 Datasheet HTML 129Page - Texas Instruments TMS320DM640 Datasheet HTML 130Page - Texas Instruments TMS320DM640 Datasheet HTML 131Page - Texas Instruments TMS320DM640 Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 171 page
background image
Inter-Integrated Circuit (I2C)
128
June 2003 − Revised August 2004
SPRS222C
4.10
Inter-Integrated Circuit (I2C)
The inter-integrated circuit (I2C) module provides an interface between a TMS320C6000
 DSP and other
devices compliant with Philips Semiconductors Inter-IC bus (I2C-bus) specification version 2.1 and connected
by way of an I2C-bus. External components attached to this 2-wire serial bus can transmit/receive up to 8-bit
data to/from the DSP through the I2C module.
4.10.1
I2C Device-Specific Information
The I2C module on the TMS320DM641/DM640 may be used by the DSP to control local peripherals ICs
(DACs, ADCs, etc.) while the other may be used to communicate with other controllers in a system or to
implement a user interface.
The I2C port supports:
•
Compatible with Philips I2C Specification Revision 2.1 (January 2000)
•
Fast Mode up to 400 Kbps (no fail-safe I/O buffers)
•
Noise Filter to Remove Noise 50 ns or less
•
Seven- and Ten-Bit Device Addressing Modes
•
Master (Transmit/Receive) and Slave (Transmit/Receive) Functionality
•
Events: DMA, Interrupt, or Polling
•
Slew-Rate Limited Open-Drain Output Buffers
Figure 4−35 is a block diagram of the I2C0 module.
Clock
Prescale
I2CPSCx
Peripheral Clock
(CPU/4)
I2CCLKHx
Generator
Bit Clock
I2CCLKLx
Noise
Filter
SCL
I2CXSRx
I2CDXRx
Transmit
Transmit
Shift
Transmit
Buffer
I2CDRRx
Shift
I2CRSRx
Receive
Buffer
Receive
Receive
Filter
SDA
I2C Data
Noise
I2COARx
I2CSARx
Slave
Address
Control
Address
Own
I2CMDRx
I2CCNTx
Mode
Data
Count
Source
Interrupt
Interrupt
Status
I2CISRCx
I2CSTRx
Enable
Interrupt
I2CIERx
Interrupt/DMA
I2C0 Module
NOTE A: Shading denotes control/status registers.
I2C Clock
Figure 4−35. I2C0 Module Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com