Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM640 Datasheet(PDF) 131 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 131 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 127Page - Texas Instruments TMS320DM640 Datasheet HTML 128Page - Texas Instruments TMS320DM640 Datasheet HTML 129Page - Texas Instruments TMS320DM640 Datasheet HTML 130Page - Texas Instruments TMS320DM640 Datasheet HTML 131Page - Texas Instruments TMS320DM640 Datasheet HTML 132Page - Texas Instruments TMS320DM640 Datasheet HTML 133Page - Texas Instruments TMS320DM640 Datasheet HTML 134Page - Texas Instruments TMS320DM640 Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 171 page
background image
Inter-Integrated Circuit (I2C)
131
June 2003 − Revised August 2004
SPRS222C
Table 4−37. Switching Characteristics for I2C Timings† (see Figure 4−37)
NO.
PARAMETER
−400
−500
−600
UNIT
NO.
PARAMETER
STANDARD
MODE
FAST
MODE
UNIT
MIN
MAX
MIN
MAX
16
tc(SCL)
Cycle time, SCL
10
2.5
µs
17
td(SCLH-SDAL) Delay time, SCL high to SDA low (for a repeated START condition)
4.7
0.6
µs
18
td(SDAL-SCLL)
Delay time, SDA low to SCL low (for a START and a repeated
START condition)
4
0.6
µs
19
tw(SCLL)
Pulse duration, SCL low
4.7
1.3
µs
20
tw(SCLH)
Pulse duration, SCL high
4
0.6
µs
21
td(SDAV-SDLH) Delay time, SDA valid to SCL high
250
100
ns
22
tv(SDLL-SDAV) Valid time, SDA valid after SCL low (For I2C bus devices)
0
0
0.9
µs
23
tw(SDAH)
Pulse duration, SDA high between STOP and START conditions
4.7
1.3
µs
24
tr(SDA)
Rise time, SDA
1000
20 + 0.1Cb†
300
ns
25
tr(SCL)
Rise time, SCL
1000
20 + 0.1Cb†
300
ns
26
tf(SDA)
Fall time, SDA
300
20 + 0.1Cb†
300
ns
27
tf(SCL)
Fall time, SCL
300
20 + 0.1Cb†
300
ns
28
td(SCLH-SDAH) Delay time, SCL high to SDA high (for STOP condition)
4
0.6
µs
29
Cp
Capacitance for each I2C pin
10
10
pF
† Cb = total capacitance of one bus line in pF. If mixed with HS-mode devices, faster fall-times are allowed.
25
23
19
18
22
27
20
21
17
18
28
Stop
Start
Repeated
Start
Stop
SDA
SCL
16
26
24
Figure 4−37. I2C Transmit Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com