Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM640 Datasheet(PDF) 145 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 145 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 141Page - Texas Instruments TMS320DM640 Datasheet HTML 142Page - Texas Instruments TMS320DM640 Datasheet HTML 143Page - Texas Instruments TMS320DM640 Datasheet HTML 144Page - Texas Instruments TMS320DM640 Datasheet HTML 145Page - Texas Instruments TMS320DM640 Datasheet HTML 146Page - Texas Instruments TMS320DM640 Datasheet HTML 147Page - Texas Instruments TMS320DM640 Datasheet HTML 148Page - Texas Instruments TMS320DM640 Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 171 page
background image
Video Port
145
June 2003 − Revised August 2004
SPRS222C
4.13
Video Port
Each Video Port is capable of sending and receiving digital video data. The Video Ports are also capable of
capturing/displaying RAW data. The Video Port peripherals follow video standards such as CCIR601 and
ITU-BT.656.
4.13.1
Video Port Device-Specific Information
The TMS320DM641 device has two video port peripherals [VP0 and VP1]. The TMS320DM640 device only
supports one video port peripheral [VP0].
The video port peripheral can operate as a video capture port, video display port, or as a transport stream
interface (TSI) capture port.
The port consists of a single channel A. A 2560-byte capture/display buffer is utilized on this channel. The port
is always configured for either video capture or display only. Separate data pipelines control the parsing and
formatting of video capture or display data for each of the BT.656, raw video, and TSI modes.
For video capture operation, the video port may operate as a single channel of 8-bit BT.656, 8-bit raw video,
or 8-bit TSI.
For video display operation, the video port may operate as 8-bit BT.656 or 8-bit raw video.
Note: The following Video Port mode currently is not supported:
•
8-Bit Transport Stream Interface (TSI) capture port [TSI currently not supported]
For more detailed information on the DM641 and DM640 Video Port peripherals, see the TMS320C64x DSP
Video Port/VCXO Interpolated Control (VIC) Port Reference Guide (literature number SPRU629).
4.13.2
Video Port Peripheral Register Description(s)
Table 4−54. Video Port 0 and 1 (VP0 and VP1) Control Registers
HEX ADDRESS RANGE
VP0
VP1
[DM641 ONLY]
ACRONYM
DESCRIPTION
01C4 0000
01C4 4000
VP_PIDx
Video Port Peripheral Identification Register
01C4 0004
01C4 4004
VP_PCRx
Video Port Peripheral Control Register
01C4 0008
01C4 4008
−
Reserved
01C4 000C
01C4 400C
−
Reserved
01C4 0020
01C4 4020
VP_PFUNCx
Video Port Pin Function Register
01C4 0024
01C4 4024
VP_PDIRx
Video Port Pin Direction Register
01C4 0028
01C4 4028
VP_PDINx
Video Port Pin Data Input Register
01C4 002C
01C4 402C
VP_PDOUTx
Video Port Pin Data Output Register
01C4 0030
01C4 4030
VP_PDSETx
Video Port Pin Data Set Register
01C4 0034
01C4 4034
VP_PDCLRx
Video Port Pin Data Clear Register
01C4 0038
01C4 4038
VP_PIENx
Video Port Pin Interrupt Enable Register
01C4 003C
01C4 403C
VP_PIPOx
Video Port Pin Interrupt Polarity Register
01C4 0040
01C4 4040
VP_PISTATx
Video Port Pin Interrupt Status Register
01C4 0044
01C4 4044
VP_PICLRx
Video Port Pin Interrupt Clear Register
01C4 00C0
01C4 40C0
VP_CTLx
Video Port Control Register
01C4 00C4
01C4 40C4
VP_STATx
Video Port Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com