Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM640 Datasheet(PDF) 149 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 149 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 145Page - Texas Instruments TMS320DM640 Datasheet HTML 146Page - Texas Instruments TMS320DM640 Datasheet HTML 147Page - Texas Instruments TMS320DM640 Datasheet HTML 148Page - Texas Instruments TMS320DM640 Datasheet HTML 149Page - Texas Instruments TMS320DM640 Datasheet HTML 150Page - Texas Instruments TMS320DM640 Datasheet HTML 151Page - Texas Instruments TMS320DM640 Datasheet HTML 152Page - Texas Instruments TMS320DM640 Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 171 page
background image
Video Port
149
June 2003 − Revised August 2004
SPRS222C
4.13.3.2 Video Data and Control Timing (Video Capture Mode)
Table 4−56. Timing Requirements in Video Capture Mode for Video Data and Control Inputs
(see Figure 4−49)
NO.
−400
−500
−600
UNIT
MIN
MAX
1
tsu(VDATV-VKIH) Setup time, VPxDx valid before VPxCLKINx high
2.9
ns
2
th(VDATV-VKIH) Hold time, VPxDx valid after VPxCLKINx high
0.5
ns
3
tsu(VCTLV-VKIH) Setup time, VPxCTLx valid before VPxCLKINx high
2.9
ns
4
th(VCTLV-VKIH) Hold time, VPxCTLx valid after VPxCLKINx high
0.5
ns
VPxCLKINx
VPxD[7:0] (Input)
VPxCTLx (Input)
1
2
3
4
Figure 4−49. Video Port Capture Data and Control Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com