Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM640 Datasheet(PDF) 165 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 165 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 161Page - Texas Instruments TMS320DM640 Datasheet HTML 162Page - Texas Instruments TMS320DM640 Datasheet HTML 163Page - Texas Instruments TMS320DM640 Datasheet HTML 164Page - Texas Instruments TMS320DM640 Datasheet HTML 165Page - Texas Instruments TMS320DM640 Datasheet HTML 166Page - Texas Instruments TMS320DM640 Datasheet HTML 167Page - Texas Instruments TMS320DM640 Datasheet HTML 168Page - Texas Instruments TMS320DM640 Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 171 page
background image
General-Purpose Input/Output (GPIO)
165
June 2003 − Revised August 2004
SPRS222C
4.18
General-Purpose Input/Output (GPIO)
The GPIO peripheral provides dedicated general-purpose pins that can be configured as either inputs or
outputs. When configured as an output, you can write to an internal register to control the state driven on the
output pin. When configured as an input, you can detect the state of the input by reading the state of an internal
register.
In addition, the GPIO peripheral can produce CPU interrupts and EDMA events in different interrupt/event
generation modes.
4.18.1
GPIO Device-Specific Information
To use the GP[7:0] software-configurable GPIO pins, the GPxEN bits in the GP Enable (GPEN) Register and
the GPxDIR bits in the GP Direction (GPDIR) Register must be properly configured.
GPxEN =
1
GP[x] pin is enabled
GPxDIR =
0
GP[x] pin is an input
GPxDIR =
1
GP[x] pin is an output
where “x” represents one of the 7 through 0 GPIO pins
Figure 4−61 shows the GPIO enable bits in the GPEN register for the DM641/DM640 device. To use any of
the GPx pins as general-purpose input/output functions, the corresponding GPxEN bit must be set to “1”
(enabled). Default values are device-specific, so refer to Figure 4−61 for the DM641/DM640 default
configuration.
31
24
23
16
Reserved
R-0
15
14
13
12
11
10
9
8
7
6543
210
Reserved
GP7
EN
GP6
EN
GP5
EN
GP4
EN
GP3
EN
GP2
EN
GP1
EN
GP0
EN
R/W-0000 0000
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
R/W-1
Legend: R/W = Readable/Writeable; -n = value after reset, -x = undefined value after reset
Figure 4−61. GPIO Enable Register (GPEN) [Hex Address: 01B0 0000]
Figure 4−62 shows the GPIO direction bits in the GPDIR register. This register determines if a given GPIO
pin is an input or an output providing the corresponding GPxEN bit is enabled (set to “1”) in the GPEN register.
By default, all the GPIO pins are configured as input pins.
31
24
23
16
Reserved
R-0
15
14
13
12
11
10
98
7
6
5
43
2
10
Reserved
GP7
DIR
GP6
DIR
GP5
DIR
GP4
DIR
GP3
DIR
GP2
DIR
GP1
DIR
GP0
DIR
R/W-0000 0000
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Legend: R/W = Readable/Writeable; -n = value after reset, -x = undefined value after reset
Figure 4−62. GPIO Direction Register (GPDIR) [Hex Address: 01B0 0004]
For more detailed information on general-purpose inputs/outputs (GPIOs), see the TMS320C6000 DSP
General-Purpose Input/Output (GPIO) Reference Guide (literature number SPRU584).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com