Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM640 Datasheet(PDF) 166 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 166 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 162Page - Texas Instruments TMS320DM640 Datasheet HTML 163Page - Texas Instruments TMS320DM640 Datasheet HTML 164Page - Texas Instruments TMS320DM640 Datasheet HTML 165Page - Texas Instruments TMS320DM640 Datasheet HTML 166Page - Texas Instruments TMS320DM640 Datasheet HTML 167Page - Texas Instruments TMS320DM640 Datasheet HTML 168Page - Texas Instruments TMS320DM640 Datasheet HTML 169Page - Texas Instruments TMS320DM640 Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 171 page
background image
General-Purpose Input/Output (GPIO)
166
June 2003 − Revised August 2004
SPRS222C
4.18.2
GPIO Peripheral Register Description(s)
Table 4−79. GP0 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01B0 0000
GPEN
GP0 enable register
01B0 0004
GPDIR
GP0 direction register
01B0 0008
GPVAL
GP0 value register
01B0 000C
−
Reserved
01B0 0010
GPDH
GP0 delta high register
01B0 0014
GPHM
GP0 high mask register
01B0 0018
GPDL
GP0 delta low register
01B0 001C
GPLM
GP0 low mask register
01B0 0020
GPGC
GP0 global control register
01B0 0024
GPPOL
GP0 interrupt polarity register
01B0 0028 − 01B3 EFFF
−
Reserved
4.18.3
General-Purpose Input/Output (GPIO) Electrical Data/Timing
Table 4−80. Timing Requirements for GPIO Inputs†‡ (see Figure 4−63)
NO.
−400
−500
−600
UNIT
MIN
MAX
1
tw(GPIH)
Pulse duration, GPIx high
8P
ns
2
tw(GPIL)
Pulse duration, GPIx low
8P
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 600 MHz, use P = 1.67 ns.
‡ The pulse width given is sufficient to generate a CPU interrupt or an EDMA event. However, if a user wants to have the DSP recognize the GPIx
changes through software polling of the GPIO register, the GPIx duration must be extended to at least 12P to allow the DSP enough time to access
the GPIO register through the CFGBUS.
Table 4−81. Switching Characteristics Over Recommended Operating Conditions for GPIO Outputs†
(see Figure 4−63)
NO.
PARAMETER
−400
−500
−600
UNIT
MIN
MAX
3
tw(GPOH)
Pulse duration, GPOx high
24P − 8‡
ns
4
tw(GPOL)
Pulse duration, GPOx low
24P − 8‡
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 600 MHz, use P = 1.67 ns.
‡ This parameter value should not be used as a maximum performance specification. Actual performance of back-to-back accesses of the GPIO
is dependent upon internal bus activity.
GPIx
GPOx
4
3
2
1
Figure 4−63. GPIO Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com