Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3203E Datasheet(PDF) 13 Page - Exar Corporation

Part # SP3203E
Description  3V RS-232 Serial Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3203E Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP3203E Datasheet HTML 8Page - Exar Corporation SP3203E Datasheet HTML 9Page - Exar Corporation SP3203E Datasheet HTML 10Page - Exar Corporation SP3203E Datasheet HTML 11Page - Exar Corporation SP3203E Datasheet HTML 12Page - Exar Corporation SP3203E Datasheet HTML 13Page - Exar Corporation SP3203E Datasheet HTML 14Page - Exar Corporation SP3203E Datasheet HTML 15Page - Exar Corporation SP3203E Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3203E_00_2080
DEVICE PIN
HUMAN BODY
IEC61000-4-2
TESTED
MODEL
Air Discharge
Direct Contact
Level
Driver Outputs
±5kV
±5kV
±8kV
4
Receiver Inputs
±5kV
±5kV
±8kV
4
The circuit model in Figures  and 2 repre-
sent the typical ESD testing circuit used for
all three methods. The C
S is initially charged
with the DC power supply when the first
switch (SW) is on. Now that the capacitor
is charged, the second switch (SW2) is on
while SW switches off. The voltage stored
in the capacitor is then applied through R
S,
the current limiting resistor, onto the device
under test (DUT). In ESD tests, the SW2
switch is pulsed so that the device under
test receives a duration of voltage.
For the Human Body Model, the current
limitingresistor(R
S) and the source capacitor
(C
S) are 1.5kΩ an 100pF, respectively. For
IEC-000-4-2, the current limiting resistor
(R
S) and the source capacitor (CS) are 330Ω
an 50pF, respectively.
The higher C
S value and lower RS value in
the IEC6000-4-2 model are more stringent
than the Human Body Model. The larger
storage capacitor injects a higher voltage
to the test point when SW2 is switched on.
The lower current limiting resistor increases
the current charge onto the test point.
Figure 3. ESD Test Waveform for IEC6000-4-2
t=0ns
t=30ns
0A
5A
30A
t →
Figure 2. ESD Test Circuit for IEC6000-4-2
Table 4. Transceiver ESD Tolerance Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com