Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3203E Datasheet(PDF) 1 Page - Exar Corporation

Part # SP3203E
Description  3V RS-232 Serial Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3203E Datasheet(HTML) 1 Page - Exar Corporation

  SP3203E Datasheet HTML 1Page - Exar Corporation SP3203E Datasheet HTML 2Page - Exar Corporation SP3203E Datasheet HTML 3Page - Exar Corporation SP3203E Datasheet HTML 4Page - Exar Corporation SP3203E Datasheet HTML 5Page - Exar Corporation SP3203E Datasheet HTML 6Page - Exar Corporation SP3203E Datasheet HTML 7Page - Exar Corporation SP3203E Datasheet HTML 8Page - Exar Corporation SP3203E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image

Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3203E_00_2080
SP3203E
3V RS-232 Serial Transceiver with Logic
Selector and 15kV ESD Protection
FEATURES
• 3 Driver / 2 Receiver Architecture
• Logic selector function (V
L) sets TTL
input/output levels for mixed logic
systems
• Meets true EIA/TIA-232-F Standards from
a +3.0V to +5.5V power supply
• Interoperable with EIA/TIA-232 and
adheres to EIA/TIA-562 down to a +2.7V
power source
• Minimum 250Kbps data rate under load
• Regulated Charge Pump Yields Stable
RS-232 Outputs Regardless of V
CC
Variations
• ESD Specifications:
+5KV Human Body Model
+5KV IEC6000-4-2 Air Discharge
+8KV IEC6000-4-2 Contact Discharge
• Applications
• Palmtops
• Cell phone Data Cables
• PDA's
DESCRIPTION
Now Available in Lead Free Packaging
V-
1
2
3
4
17
18
19
20
5
6
7
16
15
14
SHUTDOWN
C1+
V+
C1-
C2+
C2-
T
2OUT
GND
Vcc
T
1OUT
R
1OUT
8
9
10
11
12
13
R
1IN
R
2OUT
SP3203E
T
2IN
R
2IN
V
L
T
3OUT
T
3IN
T
1IN
The
SP3203E provides a RS-232 transceiver solution for portable and hand-held applications
such as palmtops, PDA's and cell phones. The
SP3203E uses an internal high-efficiency,
charge-pump power supply that requires only 0.µF capacitors during 3.3V operation. This
charge pump and
Exar's driver architecture allow the SP3203E to deliver compliant RS-232
performance from a single power supply ranging from +3.0V to +5.5V.
The
SP3203E is a 3-driver/2-receiver device, with a unique V
L pin to program the TTL input
and output logic levels to allow inter operation in mixed-logic voltage systems such as PDA's
and cell phones. Receiver outputs will not exceed V
L for VOH and transmitter input logic levels
are scaled by the magnitude of the V
L input.


Similar Part No. - SP3203E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3203E SIPEX-SP3203E Datasheet
509Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
SP3203E SIPEX-SP3203E Datasheet
116Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
SP3203ECY SIPEX-SP3203ECY Datasheet
509Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
SP3203ECY SIPEX-SP3203ECY Datasheet
116Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
logo
Exar Corporation
SP3203ECY-L EXAR-SP3203ECY-L Datasheet
649Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and 15kV ESD Protection
More results

Similar Description - SP3203E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP332 SIPEX-SP332 Datasheet
188Kb / 10P
RS-232/RS-485 Multi-Mode Serial Transceiver
SP3203 SIPEX-SP3203 Datasheet
121Kb / 14P
3V RS-232 Serial Transceiver with Logic Selector
SP3203E SIPEX-SP3203E Datasheet
509Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
SP3203E SIPEX-SP3203E_05 Datasheet
116Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
logo
Exar Corporation
SP336E EXAR-SP336E Datasheet
1Mb / 30P
3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP3203ECY-L EXAR-SP3203ECY-L Datasheet
649Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and 15kV ESD Protection
logo
Maxim Integrated Produc...
MAX212CWG MAXIM-MAX212CWG Datasheet
116Kb / 8P
3V-Powered, Low-Power, True RS-232 Transceiver
Rev 2; 2/94
logo
Exar Corporation
SP3203EEY-L EXAR-SP3203EEY-L Datasheet
649Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and 15kV ESD Protection
SP336EEY-0A-EB EXAR-SP336EEY-0A-EB Datasheet
1Mb / 30P
3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com