Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3203E Datasheet(PDF) 8 Page - Exar Corporation

Part # SP3203E
Description  3V RS-232 Serial Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3203E Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP3203E Datasheet HTML 4Page - Exar Corporation SP3203E Datasheet HTML 5Page - Exar Corporation SP3203E Datasheet HTML 6Page - Exar Corporation SP3203E Datasheet HTML 7Page - Exar Corporation SP3203E Datasheet HTML 8Page - Exar Corporation SP3203E Datasheet HTML 9Page - Exar Corporation SP3203E Datasheet HTML 10Page - Exar Corporation SP3203E Datasheet HTML 11Page - Exar Corporation SP3203E Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3203E_00_2080
8
The charge pump operates in a discontinu-
ous mode using an internal oscillator. If the
output voltages are less than a magnitude
of 5.5V, the charge pump is enabled. If the
outputvoltages exceedamagnitudeof5.5V,
the charge pump is disabled. This oscillator
controls the four phases of the voltage shift-
ing. A description of each phase follows.
Phase 1
— V
SS charge storage — During this phase
of the clock cycle, the positive side of capaci-
tors C
 and C2 are initially charged to VCC.
C
l
+
is then switched to GND and the charge
in C

–
is transferred to C
2
–
. Since C
2
+
is con-
nected to V
CC, the voltage potential across
capacitor C
2 is now 2 times VCC.
Phase 2
— V
SS transfer — Phase two of the clock
connectsthenegativeterminalofC
2 to the VSS
storagecapacitorandthepositiveterminalof
C
2 to GND. This transfers a negative gener-
ated voltage to C
3. This generated voltage is
regulated to a minimum voltage of -5.5V.
Simultaneous with the transfer of the volt-
age to C
3, the positive side of capacitor C
is switched to V
CC and the negative side is
connected to GND.
Phase 3
— V
DD charge storage — The third phase of
the clock is identical to the first phase — the
charge transferred in C
 produces –VCC in
the negative terminal of C
, which is applied
to the negative side of capacitor C
2. Since
C
2
+
is at V
CC, the voltage potential across C2
is 2 times V
CC.
Table 2. SHUTDOWN Truth Tables
(Note: When the device is shutdown, the SP3203E's
charge pump is turned off and V+ decays to Vcc, V- is
pulledtogroundandthetransmitteroutputsaredisabled
as High Impedance.)
Figure 2. Loopback Test Circuit for RS-232 Driver
Data Transmission Rates
Phase 4
— V
DD transfer — The fourth phase of
the clock connects the negative terminal
of C
2 to GND, and transfers this positive
generated voltage across C
2 to C4, the
V
DD storage capacitor.
This voltage is
regulated to +5.5V. At this voltage, the in-
ternal oscillator is disabled. Simultaneous
with the transfer of the voltage to C
4, the
positivesideofcapacitorC
 is switched to VCC
and the negative side is switched to GND, al-
lowingthechargepumpcycletobeginagain.
The charge pump cycle will continue as long
as the operational conditions for the internal
oscillator are present.
Since both V+ and V– are separately gener-
ated from V
CC, in a no–load condition V
+
and V– will be symmetrical. Older charge
pump approaches that generate V– from
V+ will show a decrease in the magnitude
of V– compared to V+ due to the inherent
inefficiencies in the design.
V
L Supply Level
Device: SP3203E
SHUTDOWN T
XOUT
R
XOUT
Charge
Pump
0
High-Z
High-Z
Inactive

Active
Active
Active
SP3203E
1
3
5
4
2
6
19
GND
T1IN
TXIN
C1+
C1-
C2+
C2-
V+
V-
VCC
+
C2
C5
C1
+
+
C3
C4
+
+
0.1µF
TTL/CMOS
INPUTS
+3V to +5V
18
SHUTDOWN
20
5KΩ
R1OUT
5KΩ
RXIN
RXOUT
TTL/CMOS
OUTPUTS
R1IN
TXOUT
T1OUT
VCC
1000pF
1000pF
12
VL
+3V to +5.5V
0.1µF
0.1µF
0.1µF
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com