Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3203E Datasheet(PDF) 2 Page - Exar Corporation

Part # SP3203E
Description  3V RS-232 Serial Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3203E Datasheet(HTML) 2 Page - Exar Corporation

  SP3203E Datasheet HTML 1Page - Exar Corporation SP3203E Datasheet HTML 2Page - Exar Corporation SP3203E Datasheet HTML 3Page - Exar Corporation SP3203E Datasheet HTML 4Page - Exar Corporation SP3203E Datasheet HTML 5Page - Exar Corporation SP3203E Datasheet HTML 6Page - Exar Corporation SP3203E Datasheet HTML 7Page - Exar Corporation SP3203E Datasheet HTML 8Page - Exar Corporation SP3203E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3203E_00_2080
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability and cause permanent damage to the
device.
V
CC.......................................................-0.3V to +6.0V
V+ (NOTE ).......................................-0.3V to +7.0V
V- (NOTE )........................................+0.3V to -7.0V
V+ + |V-| (NOTE )...........................................+3V
I
CC (DC VCC or GND current).........................+00mA
Input Voltages
TxIN, SHUTDOWN .........................-0.3V to VL+0.3V
RxIN...................................................................+25V
Output Voltages
TxOUT.............................................................+3.2V
RxOUT, .......................................-0.3V to (V
L + 0.3V)
Short-Circuit Duration
TxOUT......................................................Continuous
Storage Temperature.......................-65°C to +50°C
Power Dissipation per package
20-pin TSSOP (derate 7.0mW/oC above +70oC..560mW
NOTE 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 3V.
V
CC = VL = +3.0V to +5.5V, C - C4 = 0.µF, tested at +3.3V +/-0%, C = 0.047µF, C2 - C4 = 0.33µF, tested at
+5.0V +/-0%, T
AMB = TMIN to TMAX, unless otherwise noted. Typical values are at Vcc = VL = 3.3V, TA = +25ºC.
ELECTRICAL CHARACTERISTICS
PARAMETER
MIN.
TYP.
MAX. UNITS
CONDITIONS
DC CHARACTERISTICS (Vcc = +3.3V or +5V, TA = +25ºC)
Supply Current
0.3

mA
SHUTDOWN = Vcc, No Load
Supply Current, Shutdown
.0
0.0
µA
SHUTDOWN = GND
LOGIC INPUTS
Input Logic Threshold Low
0.8
V
TxIN ,
SHUTDOWN
V
L = 3.3V or
5.0V
0.6
V
V
L = 2.5V
Input Logic Threshold High
2.4
V
TxIN ,
SHUTDOWN
V
L = 5.0V
2.0
V
L = 3.3V
.4
V
L = 2.5V
0.9
V
L = .8V
Transmitter Input Hysteresis
0.5
V
Input Leakage Current
+/-0.0
+/-.0
µA
TxIN, SHUTDOWN
RECEIVER OUTPUTS
Output Leakage Current
+/-0.05
+/-0
µA
RxOUT, receivers disabled
Output Voltage LOW
0.4
V
I
OUT = .6mA
Output Voltage HIGH
V
L - 0.6
V
L - 0.
V
I
OUT = -.0mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com