Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3203E Datasheet(PDF) 4 Page - Exar Corporation

Part # SP3203E
Description  3V RS-232 Serial Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3203E Datasheet(HTML) 4 Page - Exar Corporation

  SP3203E Datasheet HTML 1Page - Exar Corporation SP3203E Datasheet HTML 2Page - Exar Corporation SP3203E Datasheet HTML 3Page - Exar Corporation SP3203E Datasheet HTML 4Page - Exar Corporation SP3203E Datasheet HTML 5Page - Exar Corporation SP3203E Datasheet HTML 6Page - Exar Corporation SP3203E Datasheet HTML 7Page - Exar Corporation SP3203E Datasheet HTML 8Page - Exar Corporation SP3203E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3203E_00_2080
4
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +5.5V with TAMB = TMIN to TMAX.
Typical values apply at V
CC = +3.3V or +5.0V and TAMB = 25°C.
TIMING CHARACTERISTICS
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
Maximum Data Rate
250
kbps
R
L = 3kΩ, CL = 000pF,
one transmitter switching
Receiver Propagation Delay, t
PHL
0.5
µs
Receiver input to Receiver output,
C
L = 50pF
Receiver Propagation Delay, t
PLH
0.5
Receiver Output Enable Time
200
ns
Normal Operation
Receiver Output Disable Time
200
ns
Normal Operation
Time To Exit Shutdown
00
µs
│V
TxOUT │> 3.7V
Transmitter Skew │t
PHL - tPLH│
00
ns
(Note 2)
Receiver Skew │t
PHL - tPLH│
50
ns
Transition-Region Slew Rate
6
30
V/µs
C
L = 50pF to
000pF
Vcc = 3.3V,
T
AMB = 25°C,
RL = 3KΩ to
7KΩ, measure-
ments taken
from -3.0V to
+3.0V or +3.0V
to -3.0V
4
30
C
L = 50pF to
2500pF
Note 2. Transmitter skew is measured at the transmitter zero crosspoint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com