Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4917MT/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM4917MT/NOPB
Description  Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4917MT/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM4917MT/NOPB Datasheet HTML 1Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 2Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 3Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 4Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 5Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 6Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 7Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 8Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM4917
www.ti.com
SNAS238G – AUGUST 2004 – REVISED MAY 2013
Electrical Characteristics VDD = 3V
(1)
The following specifications apply for VDD = 3V, AV = 1, and 16Ω load unless otherwise specified. Limits apply to TA = 25°C.
LM4917
Units
Symbol
Parameter
Conditions
(Limits)
Typ(2)
Limit(3)(4)
IDD
Quiescent Power Supply Current
VIN = 0V, IO = 0A, both channels enabled
11
20
mA (max)
VIN = 0V, IO = 0A, one channel enabled
9
mA
ISD
Shutdown Current
VSD_LC = VSD_RC = GND
0.01
1
µA (max)
VOS
Output Offset Voltage
RL = 32Ω
1
10
mV (max)
PO
Output Power
THD+N = 1% (max); f = 1kHz, RL = 16Ω
95
50
mW (min)
THD+N = 1% (max); f = 1kHz, RL = 32Ω
82
mW
PO = 50mW, f = 1kHz, RL = 32Ω
THD+N
Total Harmonic Distortion + Noise
0.02
%
(A-weighted) single channel
VRIPPLE = 200mV sine p-p,
PSRR
Power Supply Rejection Ratio
f = 1kHz
70
dB
f = 20kHz
55
SNR
Signal-to-Noise Ratio
RL = 32Ω, POUT = 20mW, f = 1kHz
100
dB
VIH =
VIH
Shutdown Input Voltage High
V (min)
0.7*CPVDD
VIL =
VIL
Shutdown Input Voltage Low
V (max)
0.3*CPVDD
TWU
Wake Up Time From Shutdown
339
µs (max)
XTALK
Crosstalk
RL = 16Ω, PO = 1.6mW, f = 1kHz
70
dB
IL
Input Leakage Current
±0.1
nA
(1)
All voltages are measured with respect to the GND pin unless otherwise specified.
(2)
Typicals are measured at 25°C and represent the parametric norm.
(3)
Limits are specifed to Texas Instruments' AOQL (Average Outgoing Quality Level).
(4)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
External Components Description
(See Figure 1)
Components
Functional Description
Inverting input resistance which sets the closed-loop gain in conjunction with Rf. This resistor also forms a high-pass
1.
Ri
filter with Ci at fc = 1 / (2πRiCi).
Input coupling capacitor which blocks the DC voltage at the amplifier's input terminals. Also creates a high-pass filter
2.
Ci
with Ri at fc = 1 / (2πRiCi). Refer to the section Proper Selection of External Components, for an explanation of
how to determine the value of Ci.
3.
Rf
Feedback resistance which sets the closed-loop gain in conjunction with Ri.
4.
C1
Flying capacitor. Low ESR ceramic capacitor (
≤100mΩ)
5.
C2
Output capacitor. Low ESR ceramic capacitor (
≤100mΩ)
Tantalum capacitor. Supply bypass capacitor which provides power supply filtering. Refer to the POWER SUPPLY
6.
C3
BYPASSING section for information concerning proper placement and selection of the supply bypass capacitor.
Ceramic capacitor. Supply bypass capacitor which provides power supply filtering. Refer to the POWER SUPPLY
7.
C4
BYPASSING section for information concerning proper placement and selection of the supply bypass capacitor.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com