Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4917MT/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM4917MT/NOPB
Description  Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4917MT/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4917MT/NOPB Datasheet HTML 9Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 10Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 11Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 12Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 13Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 14Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 15Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 16Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LM4917
www.ti.com
SNAS238G – AUGUST 2004 – REVISED MAY 2013
Input Capacitor Value Selection
Amplifying the lowest audio frequencies requires high value input coupling capacitor (Ci in Figure 2). A high value
capacitor can be expensive and may compromise space efficiency in portable designs. In many cases, however,
the speakers used in portable systems, whether internal or external, have little ability to reproduce signals below
150Hz. Applications using speakers with this limited frequency response reap little improvement by using high
value input and output capacitors.
Besides affecting system cost and size, Ci has an effect on the LM4917's click and pop performance. The
magnitude of the pop is directly proportional to the input capacitor's size. Thus, pops can be minimized by
selecting an input capacitor value that is no higher than necessary to meet the desired
−3dB frequency.
As shown in Figure 2, the input resistor, Ri and the input capacitor, Ci, produce a -3dB high pass filter cutoff
frequency that is found using Equation (3).
fi-3dB = 1 / 2πRiCi
(4)
Also, careful consideration must be taken in selecting a certain type of capacitor to be used in the system.
Different types of capacitors (tantalum, electrolytic, ceramic) have unique performance characteristics and may
affect overall system performance.
AUDIO POWER AMPLIFIER DESIGN
Design a Dual 90mW/16
Ω Audio Amplifier
Given:
Power Output
90mW
Load Impedance
16
Ω
Input Level
1Vrms (max)
Input Impedance
20k
Ω
Bandwidth
100Hz–20kHz ± 0.50dB
The design begins by specifying the minimum supply voltage necessary to obtain the specified output power.
One way to find the minimum supply voltage is to use the Output Power vs Supply Voltage curve in the Typical
Performance Characteristics section. Another way, using Equation 5, is to calculate the peak output voltage
necessary to achieve the desired output power for a given load impedance. For a single-ended application, the
result is Equation 5.
(5)
VDD ≥ [2VOPEAK + (VDOTOP + VDOBOT)]
(6)
The Output Power vs Supply Voltage graph for a 16
Ω load indicates a minimum supply voltage of 3.1V. This is
easily met by the commonly used 3.3V supply voltage. The additional voltage creates the benefit of headroom,
allowing the LM4917 to produce peak output power in excess of 90mW without clipping or other audible
distortion. The choice of supply voltage must also not create a situation that violates maximum power dissipation
as explained above in the POWER DISSIPATION section. Remember that the maximum power dissipation point
from Equation 2 must be multiplied by two since there are two independent amplifiers inside the package. Once
the power dissipation equations have been addressed, the required gain can be determined from Equation 7.
(7)
Thus, a minimum gain of 1.2 allows the LM4917 to reach full output swing and maintain low noise and THD+N
perfromance. For this example, let AV = 1.5.
The amplifiers overall gain is set using the input (Ri ) and feedback (Rf ) resistors. With the desired input
impedance set at 20k
Ω, the feedback resistor is found using Equation (7).
AV = Rf / Ri
where
•
The value of Rf is 30kΩ
(8)
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com