Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4917MT/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM4917MT/NOPB
Description  Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4917MT/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM4917MT/NOPB Datasheet HTML 10Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 11Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 12Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 13Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 14Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 15Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 16Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 17Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
LM4917
SNAS238G – AUGUST 2004 – REVISED MAY 2013
www.ti.com
The last step in this design is setting the amplifier's
−3db frequency bandwidth. To achieve the desired ±0.25dB
pass band magnitude variation limit, the low frequency response must extend to at lease one
−fifth the lower
bandwidth limit and the high frequency response must extend to at least five times the upper bandwidth limit. The
gain variation for both response limits is 0.17dB, well within the ±0.25dB desired limit. The results are
fL = 100Hz / 5 = 20Hz
(9)
and
fH = 20kHz x 5 = 100kHz
(10)
As stated in the External Components Description section, both Ri in conjunction with Ci, and RL, create first
order highpass filters. Thus to obtain the desired low frequency response of 100Hz within ±0.5dB, both poles
must be taken into consideration. The combination of two single order filters at the same frequency forms a
second order response. This results in a signal which is down 0.34dB at five times away from the single order
filter
−3dB point. Thus, a frequency of 20Hz is used in the following equations to ensure that the response is
better than 0.5dB down at 100Hz.
Ci ≥ 1 / (2π*20kΩ*20Hz) = 0.397µF; use 0.39µF
(11)
The high frequency pole is determined by the product of the desired high frequency pole, fH, and the closed-loop
gain, AV. With a closed-loop gain of 1.5 and fH = 100kHz, the resulting GBWP = 150kHz which is much smaller
than the LM4917's GBWP of 3MHz. This figure displays that if a designer has a need to design an amplifier with
a higher gain, the LM4917 can still be used without running into bandwidth limitations.
14
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com