Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4917MT/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM4917MT/NOPB
Description  Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4917MT/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4917MT/NOPB Datasheet HTML 8Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 9Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 10Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 11Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 12Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 13Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 14Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 15Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
LM4917
SNAS238G – AUGUST 2004 – REVISED MAY 2013
www.ti.com
For package TSSOP,
θJA = 109°C/W. TJMAX = 150°C for the LM4917. Depending on the ambient temperature,
TA, of the system surroundings, Equation 3 can be used to find the maximum internal power dissipation
supported by the IC packaging. If the result of Equation 2 is greater than that of Equation 3, then either the
supply voltage must be decreased, the load impedance increased or TA reduced. For the typical application of a
3V power supply, with a 16
Ω load, the maximum ambient temperature possible without violating the maximum
junction temperature is approximately 119.9°C provided that device operation is around the maximum power
dissipation point. Power dissipation is a function of output power and thus, if typical operation is not around the
maximum power dissipation point, the ambient temperature may be increased accordingly. Refer to the Typical
Performance Characteristics curves for power dissipation information for lower output powers.
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is critical for low noise performance and high power supply
rejection. Applications that employ a 3V power supply typically use a 4.7µF in parallel with a 0.1µF ceramic filter
capacitors to stabilize the power supply's output, reduce noise on the supply line, and improve the supply's
transient response. However, their presence does not eliminate the need for a local 0.1µF supply bypass
capacitor, CS, connected between the LM4917's supply pins and ground. Keep the length of leads and traces
that connect capacitors between the LM4917's power supply pin and ground as short as possible.
MICRO POWER SHUTDOWN
The voltage applied to the SD_LC (shutdown left channel) pin and the SD_RC (shutdown right channel) pin
controls the LM4917’s shutdown function. When active, the LM4917’s micropower shutdown feature turns off the
amplifiers’ bias circuitry, reducing the supply current. The trigger point is 0.3*CPVDD for a logic-low level, and 0.7
x CPVDD for logic-high level. The low 0.01µA(typ) shutdown current is achieved by appling a voltage that is as
near as ground a possible to the SD_LC/SD_RC pins. A voltage that is higher than ground may increase the
shutdown current.
There are a few ways to control the micro-power shutdown. These include using a single-pole, single-throw
switch, a microprocessor, or a microcontroller. When using a switch, connect an external 100k
Ω pull-up resistor
between the SD_LC/SD_RC pins and VDD. Connect the switch between the SD_LC/SD_RC pins and ground.
Select normal amplifier operation by opening the switch. Closing the switch connects the SD_LC/SD_RC pins to
ground, activating micro-power shutdown. The switch and resistor ensure that the SD_LC/SD_RC pins will not
float. This prevents unwanted state changes. In a system with a microprocessor or microcontroller, use a digital
output to apply the control voltage to the SD_LC/SD_RC pins. Driving the SD_LC/SD_RC pins with active
circuitry eliminates the pull-up resistor.
SELECTING PROPER EXTERNAL COMPONENTS
Optimizing the LM4917's performance requires properly selecting external components. Though the LM4917
operates well when using external components with wide tolerances, best performance is achieved by optimizing
component values.
The LM4917 is unity-gain stable, giving a designer maximum design flexibility. The gain should be set to no more
than a given application requires. This allows the amplifier to achieve minimum THD+N and maximum signal-to-
noise ratio. These parameters are compromised as the closed-loop gain increases. However, low gain demands
input signals with greater voltage swings to achieve maximum output power. Fortunately, many signal sources
such as audio CODECs have outputs of 1VRMS (2.83VP-P). Please refer to the AUDIO POWER AMPLIFIER
DESIGN section for more information on selecting the proper gain.
Charge Pump Capacitor Selection
Choose low ESR (<100m
Ω) ceramic capacitors for optimum performance. Low ESR capacitors keep the charge
pump output impedance to a minimum, extending the headroom on the negative supply. Choose capacitors with
an X7R dielectric for best performance over temperature.
Charge pump load regulation and output resistance is affected by the value of the flying capacitor (C1). A larger
valued C1 improves load regulation and minimizes charge pump output resistance. The switch on-resistance and
capacitor ESR dominates the output resistance for capacitor values above 2.2µF.
The output ripple is affected by the value and ESR of the output capacitor (C2). Larger valued capacitors reduce
output ripple on the negative power supply. Lower ESR capacitors minimizes the output ripple and reduces the
output resistance of the charge pump.
12
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com