Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G34DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G34DBVT
Description  SN74LVC1G34 Single Buffer Gate
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G34DBVT Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC1G34DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
SN74LVC1G34
SCES519M – DECEMBER 2003 – REVISED APRIL 2016
www.ti.com
Product Folder Links: SN74LVC1G34
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Simplified Schematic............................................. 1
5
Revision History..................................................... 2
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ..................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ...................... 6
7.4
Thermal Information .................................................. 6
7.5
Electrical Characteristics........................................... 7
7.6
Switching Characteristics, CL = 15 pF ...................... 8
7.7
Switching Characteristics, –40°C to 85°C................. 8
7.8
Switching Characteristics, –40°C to 125°C............... 8
7.9
Operating Characteristics.......................................... 8
7.10
Typical Characteristics ............................................ 8
8
Parameter Measurement Information .................. 9
9
Detailed Description ............................................ 11
9.1
Overview ................................................................. 11
9.2
Functional Block Diagram ....................................... 11
9.3
Feature Description................................................. 11
9.4
Device Functional Modes........................................ 11
10
Application and Implementation........................ 12
10.1
Application Information.......................................... 12
10.2
Typical Application ............................................... 12
11
Power Supply Recommendations ..................... 13
12
Layout................................................................... 13
12.1
Layout Guidelines ................................................. 13
12.2
Layout Example .................................................... 13
13
Device and Documentation Support ................. 14
13.1
Community Resources.......................................... 14
13.2
Trademarks ........................................................... 14
13.3
Electrostatic Discharge Caution ............................ 14
13.4
Glossary ................................................................ 14
14
Mechanical, Packaging, and Orderable
Information ........................................................... 14
5 Revision History
Changes from Revision L (April 2014) to Revision M
Page
•
Changed X2SON from 4 pin to 5 pin on Device Information table ........................................................................................ 1
•
Moved Storage temperature range from ESD Ratings table to Absolute Maximum Ratings table........................................ 5
•
Added Junction temperature to Absolute Maximum Ratings table ....................................................................................... 5
•
Added package temperature specification for DSBGA package ........................................................................................... 6
Changes from Revision K (March 2014) to Revision L
Page
•
Added Device Information table. ............................................................................................................................................ 1
•
Added Pin Functions table. .................................................................................................................................................... 4
•
Updated Handling Ratings table. ........................................................................................................................................... 5
•
Updated operating temperature range. .................................................................................................................................. 6
•
Added Thermal Information table. ......................................................................................................................................... 6
•
Added Typical Characteristics. .............................................................................................................................................. 8
•
Added Detailed Description section. .................................................................................................................................... 11
•
Added Application and Implementation section. ................................................................................................................. 12
Changes from Revision J (December 2013) to Revision K
Page
•
Added Applications. ................................................................................................................................................................ 1
•
DPW Package. ...................................................................................................................................................................... 4
•
Moved Tstg to Handling Ratings table. .................................................................................................................................... 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com