Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G34DBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G34DBVT
Description  SN74LVC1G34 Single Buffer Gate
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G34DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74LVC1G34DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 11Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 13Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 14Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 15Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
uC or Logic
Basic LED Driver
uC or Logic
Buffer Function
uC or Logic
VCC
VCC
LVC1G34
LVC1G34
12
SN74LVC1G34
SCES519M – DECEMBER 2003 – REVISED APRIL 2016
www.ti.com
Product Folder Links: SN74LVC1G34
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
10 Application and Implementation
10.1 Application Information
The SN74LVC1G34 is a high drive CMOS device that can be used as a buffer with a high output drive, such as
an LED application. It can produce 24 mA of drive current at 3.3 V making it ideal for driving multiple outputs and
good for high speed applications up to 100 MHz. The inputs are 5.5 V tolerant allowing it to translate down to
VCC.
10.2 Typical Application
10.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits. The high drive will also create fast
edges into light loads so routing and load conditions should be considered to prevent ringing.
10.2.2 Detailed Design Procedure
1. Recommended Input Conditions
–
Rise time and fall time specs. See (
Δt/ΔV) in the Recommended Operating Conditions table.
–
Specified high and low levels. See (VIH and VIL) in the Recommended Operating Conditions table.
–
Inputs are overvoltage tolerant allowing them to go as high as (VI max) in the Recommended Operating
Conditions table at any valid VCC.
2. Recommend Output Conditions
–
Load currents should not exceed (IO max) per output and should not exceed (Continuous current through
VCC or GND) total current for the part. These limits are located in the Absolute Max Ratings table.
–
Outputs should not be pulled above VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com