Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G34DBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G34DBVT
Description  SN74LVC1G34 Single Buffer Gate
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G34DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC1G34DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 11Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 13Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 14Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 15Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 16Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
VCC
Unused Input
Input
Output
Output
Input
Unused Input
Frequency - MHz
0
20
40
60
80
0
1
2
3
4
5
6
7
8
9
10
D003
Icc 1.8V
Icc 2.5V
Icc 3.3V
Icc 5V
13
SN74LVC1G34
www.ti.com
SCES519M – DECEMBER 2003 – REVISED APRIL 2016
Product Folder Links: SN74LVC1G34
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Typical Application (continued)
10.2.3 Application Curves
Figure 5. Icc vs Frequency
11 Power Supply Recommendations
The power supply can be any voltage between the min and max supply voltage rating located in the
Recommended Operating Conditions table.
Each Vcc pin should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply a 0.1-
μF capacitor is recommended and if there are multiple Vcc pins then a 0.01-μF or 0.022-μF
capacitor is recommended for each power pin. It is ok to parallel multiple bypass caps to reject different
frequencies of noise. 0.1-
μF and 1-μF capacitors are commonly used in parallel. The bypass capacitor should be
installed as close to the power pin as possible for best results.
12 Layout
12.1 Layout Guidelines
When using multiple bit logic devices inputs should not ever float. In many cases, functions or parts of functions
of digital logic devices are unused; for example, when only two inputs of a triple-input AND gate are used or only
3 of the 4 buffer gates are used. Such input pins should not be left unconnected because the undefined voltages
at the outside connections result in undefined operational states. Specified below are the rules that must be
observed under all circumstances. All unused inputs of digital logic devices must be connected to a high or low
bias to prevent them from floating. The logic level that should be applied to any particular unused input depends
on the function of the device. Generally they will be tied to Gnd or Vcc whichever make more sense or is more
convenient.
12.2 Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com