Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G34DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G34DBVT
Description  SN74LVC1G34 Single Buffer Gate
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G34DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC1G34DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
SN74LVC1G34
www.ti.com
SCES519M – DECEMBER 2003 – REVISED APRIL 2016
Product Folder Links: SN74LVC1G34
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
–40°C to 85°C
–40°C to 125°C
UNIT
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
VOH
IOH = –100 μA
1.65 V to 5.5 V
VCC – 0.1
VCC – 0.1
V
IOH = –4 mA
1.65 V
1.2
1.2
IOH = –8 mA
2.3 V
1.9
1.9
IOH = –16 mA
3 V
2.4
2.4
IOH = –24 mA
2.3
2.3
IOH = –32 mA
4.5 V
3.8
3.8
VOL
IOL = 100 μA
1.65 V to 5.5 V
0.1
0.1
V
IOL = 4 mA
1.65 V
0.45
0.45
IOL = 8 mA
2.3 V
0.3
0.3
IOL = 16 mA
3 V
0.4
0.4
IOL = 24 mA
0.55
0.55
IOL = 32 mA
4.5 V
0.55
0.55
II
VI = 5.5 V or GND
0 to 5.5 V
±1
±2
μA
Ioff
VI or VO = 5.5 V
0
±10
±10
μA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
1
10
μA
ΔICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3 V to 5.5 V
500
500
μA
Ci
VI = VCC or GND
3.3 V
3.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com