Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7708MA/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7708MA/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7708MA/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LMP7708MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 27Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 28Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
= (1 +
)(1 +
)
f =
ñ
F
RF
RP + R1//RF
R1
RC
1
F
RF
1
R1
= 1 +
f = 0
fZ =
1
2
í(RC + R1//RF + RP) C
fP =
1
2
íRCC
= (1 +
)(
)
F
1 + s(RC + R1//RF + RP)C
R1
1 + sRCC
RF
1
-
R1
RC
C
RF
+
RP
LMP7707, LMP7708, LMP7709
www.ti.com
SNOSAW5B – JUNE 2007 – REVISED MARCH 2013
Figure 58. LMP7707 with Lead-Lag Compensation for Inverting Configuration
The inverse feedback factor of the circuit in Figure 58 is:
(13)
The pole of the inverse feedback function is located at:
(14)
The zero of the inverse feedback function is located at:
(15)
The low frequency inverse feedback factor is given by:
(16)
The high frequency inverse feedback factor is given by:
(17)
From these formulas, we can tell that
1. The 1/F's zero is located at a lower frequency compared to 1/F's pole.
2. The intersection point of 1/F and the open loop gain G is determined by the choice of resistor values for RP
and RC if the values of R1 and RF are set before compensation.
3. This procedure results in the creation of a pole-zero pair, the positions of which are interdependent.
4. This pole-zero pair is used to:
–
Raise the 1/F value to a greater value in the region immediately to the left of its intercept with the A
function in order to meet the Gmin requirement.
–
Achieve the preceding with no additional loop phase delay.
5. The location of the 1/F zero is determined by the following conditions:
–
The value of 1/F at low frequency.
–
The value of 1/F at the intersection point.
–
The location of 1/F pole.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LMP7707 LMP7708 LMP7709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com