Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7708MA/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7708MA/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7708MA/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP7708MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
-1
0
1
2
3
4
5
6
-200
-150
-100
-50
0
50
100
150
200
VCM (V)
VS = 5V
-40°C
25°C
125°C
-1
0
1
2
7
8
9 10 11
VCM (V)
-200
-150
-100
-50
0
50
100
150
200
3
4
5
6
-40°C
125°C
25°C
VS = 10V
2
4
6
8
10
12
-200
-150
-100
-50
0
50
100
150
200
SUPPLY VOLTAGE (V)
-40°C
25°C
125°C
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
VCM (V)
-200
-150
-100
-50
0
50
100
150
200
VS = 3V
25°C
125°C
-40°C
-40 -20
0
20
40
60
80 100 120125
-200
-150
-100
-50
0
50
200
TEMPERATURE (°C)
100
150
VS = 3V
VS = 5V
VS = 10V
FREQUENCY (Hz)
-20
-40
-60
-80
-100
-120
-140
-160
10
100
1k
10k
100k
1M
VS = 3V
VS = 5V
VS = 10V
-20
-40
-60
-80
-100
-120
-140
-160
LMP7707, LMP7708, LMP7709
SNOSAW5B – JUNE 2007 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, VCM = VS/2, RL > 10 kΩ connected to (V
++V−)/2
Offset Voltage vs. Temperature
CMRR vs. Frequency
Figure 12.
Figure 13.
Offset Voltage vs. Supply Voltage
Offset Voltage vs. VCM
Figure 14.
Figure 15.
Offset Voltage vs. VCM
Offset Voltage vs. VCM
Figure 16.
Figure 17.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7707 LMP7708 LMP7709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com