Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7708MA/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7708MA/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7708MA/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP7708MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
0
2
4
6
8
10
-500
-250
0
250
500
VCM (V)
VS = 10V
-40°C
25°C
0
2
4
6
8
10
-300
-200
-100
0
100
200
300
VCM (V)
VS = 10V
85°C
125°C
0
1
2
3
4
5
-300
-200
-100
0
100
200
300
VCM (V)
VS = 5V
-40°C
25°C
0
1
2
3
VCM (V)
-300
-200
0
200
300
100
-100
85°C
125°C
4
5
VS = 5V
0
0.5
1
1.5
2
2.5
3
VCM (V)
-200
-100
0
100
200
VS = 3V
-40°C
25°C
0
1
2
3
VCM (V)
-300
-200
0
200
300
VS = 3V
0.5
1.5
2.5
100
-100
85°C
125°C
LMP7707, LMP7708, LMP7709
www.ti.com
SNOSAW5B – JUNE 2007 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, VCM = VS/2, RL > 10 kΩ connected to (V
++V−)/2
Input Bias Current vs. VCM
Input Bias Current vs. VCM
Figure 18.
Figure 19.
Input Bias Current vs. VCM
Input Bias Current vs. VCM
Figure 20.
Figure 21.
Input Bias Current vs. VCM
Input Bias Current vs. VCM
Figure 22.
Figure 23.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP7707 LMP7708 LMP7709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com