Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7708MA/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7708MA/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7708MA/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMP7708MA/NOPB Datasheet HTML 1Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
LMP7707, LMP7708, LMP7709
www.ti.com
SNOSAW5B – JUNE 2007 – REVISED MARCH 2013
5V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 5V, V− = 0V, V
CM = V
+/2, and R
L > 10 kΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
CMVR
CMRR
≥ 80 dB
−0.2
5.2
Input Common-Mode Voltage Range
V
CMRR
≥ 78 dB
−0.2
5.2
AVOL
RL = 2 kΩ (LMP7707)
100
119
VO = 0.3V to 4.7V
96
RL = 2 kΩ (LMP7708/LMP7709)
100
119
Open Loop Voltage Gain
dB
VO = 0.3V to 4.7V
94
RL = 10 kΩ
100
130
VO = 0.2V to 4.8V
96
VO
RL = 2 kΩ to V
+/2
60
110
LMP7707
130
RL = 2 kΩ to V
+/2
60
120
LMP7708/LMP7709
200
mV
Output Swing High
from V+
RL = 10 kΩ to V
+/2
40
50
LMP7707
70
RL = 10 kΩ to V
+/2
40
60
LMP7708/LMP7709
120
RL = 2 kΩ to V
+/2
50
80
LMP7707
90
RL = 2 kΩ to V
+/2
50
120
LMP7708/LMP7709
190
Output Swing Low
mV
RL = 10 kΩ to V
+/2
30
40
LMP7707
50
RL = 10 kΩ to V
+/2
30
50
LMP7708/LMP7709
100
IO
Sourcing VO = V
+/2
40
66
VIN = 100 mV (LMP7707)
28
Sourcing VO = V
+/2
38
66
VIN = 100 mV (LMP7708/LMP7709)
25
Output Short Circuit Current(6)(7)
mA
Sinking VO = V
+/2
40
76
VIN = −100 mV (LMP7707)
28
Sinking VO = V
+/2
40
76
VIN = −100 mV (LMP7708/LMP7709)
23
IS
0.715
1.0
LMP7707
1.2
1.5
1.9
Supply Current
LMP7708
mA
2.2
2.9
3.7
LMP7709
4.6
SR
Slew Rate(8)
VO = 4 VPP, 10% to 90%
5.6
V/
μs
GBWP
Gain Bandwidth Product
AV = 10
14
MHz
THD+N
f = 1 kHz, AV = 10, VO = 4.5V,
Total Harmonic Distortion + Noise
0.024
%
RL = 10 kΩ
en
Input-Referred Voltage Noise
f = 1 kHz
9
nV/
√Hz
in
Input-Referred Current Noise
f = 100 kHz
1
fA/
√Hz
(6)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) - TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
(7)
The short circuit test is a momentary test.
(8)
The number specified is the slower of positive and negative slew rates.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMP7707 LMP7708 LMP7709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com