Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7708MA/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7708MA/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7708MA/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMP7708MA/NOPB Datasheet HTML 1Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7708MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
LMP7707, LMP7708, LMP7709
SNOSAW5B – JUNE 2007 – REVISED MARCH 2013
www.ti.com
3V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 3V, V− = 0V, V
CM = V
+/2, and R
L > 10 kΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
IO
Sourcing VO = V
+/2
25
42
VIN = 100 mV
15
Sinking VO = V
+/2
25
42
Output Short Circuit Current(6)(7)
VIN = −100 mV (LMP7707)
20
mA
Sinking VO = V
+/2
25
42
VIN = −100 mV
15
(LMP7708/LMP7709)
IS
0.670
1.0
LMP7707
1.2
1.4
1.8
Supply Current
LMP7708
mA
2.1
2.9
3.5
LMP7709
4.5
SR
Slew Rate(8)
VO = 2 VPP,10% to 90%
5.1
V/
μs
GBWP
Gain Bandwidth Product
AV = 10
13
MHz
THD+N
f = 1 kHz, AV = 10, VO = 2.5V,
Total Harmonic Distortion + Noise
0.024
%
RL = 10 kΩ
en
Input-Referred Voltage Noise
f = 1 kHz
9
nV/
√Hz
in
Input-Referred Current Noise
f = 100 kHz
1
fA/
√Hz
(6)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) - TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
(7)
The short circuit test is a momentary test.
(8)
The number specified is the slower of positive and negative slew rates.
5V Electrical Characteristics
(1)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 5V, V− = 0V, V
CM = V
+/2, and R
L > 10 kΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
VOS
±37
±200
LMP7707
±500
Input Offset Voltage
μV
±32
±220
LMP7708/LMP7709
±520
TCVOS
Input Offset Voltage Drift(4)
±1
±5
μV/°C
IB
±0.2
±1
Input Bias Current(4)(5)
−40°C ≤ TA ≤ 85°C
±50
pA
−40°C ≤ TA ≤ 125°C
±400
IOS
Input Offset Current
40
fA
CMRR
0V
≤ VCM ≤ 5V
88
130
LMP7707
83
Common Mode Rejection Ratio
dB
0V
≤ VCM ≤ 5V
86
130
LMP7708/LMP7709
81
PSRR
2.7V
≤ V+ ≤ 12V, VO = V
+/2
86
100
Power Supply Rejection Ratio
dB
82
(1)
Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlations using the
Statistical Quality Control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
This parameter is specified by design and/or characterization and is not tested in production.
(5)
Positive current corresponds to current flowing into the device.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7707 LMP7708 LMP7709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com