Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS789PFD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS789PFD
Description  THS789 Quad-Channel Time Measurement Unit (TMU)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS789PFD Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS789PFD Datasheet HTML 2Page - Texas Instruments THS789PFD Datasheet HTML 3Page - Texas Instruments THS789PFD Datasheet HTML 4Page - Texas Instruments THS789PFD Datasheet HTML 5Page - Texas Instruments THS789PFD Datasheet HTML 6Page - Texas Instruments THS789PFD Datasheet HTML 7Page - Texas Instruments THS789PFD Datasheet HTML 8Page - Texas Instruments THS789PFD Datasheet HTML 9Page - Texas Instruments THS789PFD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
THS789
SLOS776A – SEPTEMBER 2012 – REVISED DECEMBER 2015
www.ti.com
6.5 Electrical Characteristics
Typical conditions are at TJ = 55°C and VCC = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TDC CHARACTERISTICS
Time-measurement precision (LSB)
13.02
ps
Measurement accuracy after calibration, mean
–800
800
ps
Single-event accuracy, one sigma
800
ps
Time-measurement temperature coefficient
0.1
ps/°C
Time-measurement voltage coefficient
±30
ps/V
Event input rate
200
MHz
Minimum event pulse duration
250
ps
Turnon time (ready to take timestamp)
250
μs
MASTER CLOCK CHARACTERISTICS
Frequency
200
MHz
Duty cycle
0.4
0.6
Jitter
3
ps RMS
HIGH-SPEED LVDS INPUTS: MCLK, EVENT, SYNC
Differential input voltage
100-
Ω termination, line-to-line
200
350
500
mV
Common-mode voltage
1.25
V
Peak voltage, either input
0.6
1.7
V
Input capacitance
1
pF
HIGH-SPEED LVDS OUTPUTS: Rdata, Rstrobe, RCLK
Differential output voltage
100-
Ω termination, line-to-line
250
325
400
mV
Common-mode voltage
1.125
1.28
1.375
V
Rise time/fall time
20%/80%
250
ps
Output resistance
40
Ω
TEMPERATURE SENSOR DC CHARACTERISTICS
Output voltage
TJ = 65°C
1.69
V
Output voltage temperature slope
5
mV/°C
Max capacitive load
30
pF
Max resistive load
10
k
Ω
OVERTEMPERATURE ALARM DC CHARACTERISTICS
Trip point
Active-low pulldown
141
°C
Leakage current
Temperature < trip point
1
μA
Output voltage, low
Isink = 1 ma
0.2
V
OUTPUT INTERFACE TIMING
RCLK duty cycle
45%
50%
55%
Rdata/Rstrobe to RCLK setup time
300 MHz
1.4
ns
Rdata/Rstrobe to RCLK hold time
300 MHz
1.5
ns
OPERATING PARAMETERS
Coarse counter range
34
bit
Coarse counter max time range
14.31
s
Result-interface clock
300
MHz
Result-interface transfer format
40
bit
Result-interface time range
–7.158
7.158
s
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: THS789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com