Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS789PFD Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THS789PFD
Description  THS789 Quad-Channel Time Measurement Unit (TMU)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS789PFD Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS789PFD Datasheet HTML 8Page - Texas Instruments THS789PFD Datasheet HTML 9Page - Texas Instruments THS789PFD Datasheet HTML 10Page - Texas Instruments THS789PFD Datasheet HTML 11Page - Texas Instruments THS789PFD Datasheet HTML 12Page - Texas Instruments THS789PFD Datasheet HTML 13Page - Texas Instruments THS789PFD Datasheet HTML 14Page - Texas Instruments THS789PFD Datasheet HTML 15Page - Texas Instruments THS789PFD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
THS789
SLOS776A – SEPTEMBER 2012 – REVISED DECEMBER 2015
www.ti.com
7.5 Programming
7.5.1 Host Processor Bus Interface
The THS789 device includes a high-speed serial interface to a host processor. The host interface is used for
writing or reading registers that reside in the TMU chip. These registers allow configuration of the device
functions. All registers are capable of both read and write operations unless otherwise stated.
7.5.1.1 Serial Interface
The TMU serial interface operates at speeds of up to 50 MHz. Register addresses are 8 bits long. Data words
are 16 bits wide, enabling more-efficient interface transactions. The serial bus implementation uses three
LVCMOS signals: HCLK, Hstrobe, and Hdata. The HCLK and Hstrobe signals are inputs only, and the Hdata
signal is bidirectional. The HCLK signal is not required to run continuously. Thus, the host processor may disable
the clock by setting it to a low state after the completion of any required register accesses.
When data is transferred into the device, Hdata is configured as an input bus, and data is latched on a rising
edge of HCLK. When data is transferred out of the part, Hdata is configured as an output bus, and data is
updated on the falling edge of HCLK. Hstrobe is the control signal that identifies the beginning of a host bus
transaction. Hstrobe must remain low for the duration of the transaction, and must go high for at least two clock
cycles before another transaction can begin.
7.5.1.2 Read vs Write Cycle
The first Hdata bit latched by HCLK in a transaction identifies the transaction type.
First Hdata bit = 1 for read; data flows out of the chip.
First Hdata bit = 0 for write; data flows into the chip.
7.5.1.3 Parallel (Broadcast) Write
Parallel write is a means of allowing identical data to be transferred to more than one channel in one transaction.
The second Hdata bit of a transaction indicates whether a parallel write occurs.
Second Hdata bit = 0; data goes to the selected channel.
Second Hdata bit = 1; data goes to all four channels.
7.5.1.4 Address
After the R/W bit and the parallel write bit, the following 8 bits on the Hdata line contain the source address of the
data word for a read cycle or the destination address of the data word for a write cycle. Address bits are shifted
in MSB first, LSB last.
Third HCLK – Address Bit 7 (MSB)
Tenth HCLK – Address Bit 0 (LSB)
7.5.1.5 Data
The data stream is 16 bits long, and it is loaded or read back MSB first, LSB last. The timing for read and write
cycles is different, as the drivers on Hdata alternate between going into high-impedance and driving the line.
7.5.1.6 Reset
Reset is an external hardware signal that places all internal registers and control lines into their default states.
The THS789 device resets after a power-up sequence (POR). Hardware reset is an LVCMOS active-low signal
and is required to stay low for approximately 100 ns.
Reset places the TMU in a predetermined idle state at power on, and anytime the system software initializes the
system hardware. In the idle state, the TMU ignores state changes on the Event inputs and never creates
timestamps. The TMU is capable of switching within 250
μs from the idle state to a state that creates accurate
timestamps.
12
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: THS789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com