Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS789PFD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS789PFD
Description  THS789 Quad-Channel Time Measurement Unit (TMU)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS789PFD Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS789PFD Datasheet HTML 6Page - Texas Instruments THS789PFD Datasheet HTML 7Page - Texas Instruments THS789PFD Datasheet HTML 8Page - Texas Instruments THS789PFD Datasheet HTML 9Page - Texas Instruments THS789PFD Datasheet HTML 10Page - Texas Instruments THS789PFD Datasheet HTML 11Page - Texas Instruments THS789PFD Datasheet HTML 12Page - Texas Instruments THS789PFD Datasheet HTML 13Page - Texas Instruments THS789PFD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
THS789
SLOS776A – SEPTEMBER 2012 – REVISED DECEMBER 2015
www.ti.com
7.4 Device Functional Modes
7.4.1 Serial-Results Interface
The TMU captures time-stamp results and sends them to external logic using an LVDS serial-results port. The
serial-results port consists of a clock signal (RCLK), four strobe signals (Rstrobex) and four data signals
(Rdatax). The Rstrobex signal indicates that a time-stamp data transfer is about to begin for the corresponding
channel.
Table 1 shows the results transfer format and time range.
Table 1. Result Transfer Format and Time Range
RESULT TRANSFER FORMAT
TIME RANGE
40 bits
–7.158 s to 7.158 s
7.4.2 Resister Map Descriptions for All Channels and Central Register
Table 2. Control and Status Register Descriptions for All Channels
Register
Bit
Name
Function
LogicState
Description
0
Channel is disabled
Enable or disable channel X by powering down the
0
En_ChX
channel. Time to enable a channel is 200
μs.
1
Channel is enabled
00h
0
Input is disabled
20h
Enables or disables the input of channel X. Events are
1
ChX_IP_EN
prevented from entering a channel.
40h
1
Input is enabled
60h
0
Positive edge
Defines the polarity of the event inputX for the upcoming
2
Pol_X
timestamp generation.
1
Negative edge
Table 3. Control and Status Register Descriptions for All Channels
Register
Bit
Name
Function
Logic State
Description
0
Reserved
Reserved
x
1
Unused
Unused
x
01h
2
Unused
Unused
x
21h
41h
3
Unused
Unused
x
61h
4
Unused
Unused
x
5
Reserved
Reserved
0
0
DLL locked
0
DLL_Lock_X
Indicates the DLL lock status for channel X.
1
DLL not locked
04h
2
Reserved
Reserved
x
24h
0
FIFO not full
Indicates that the FIFO is full. Timestamps arriving
44h
3
FIFO_Full_X
while FIFO is full are lost.
1
FIFO full
64h
0
FIFO not empty
4
FIFO_Empty_X
Indicates that the FIFO is empty.
1
FIFO empty
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: THS789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com