Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR1011T-I/ML Datasheet(PDF) 28 Page - Microchip Technology

Part # AR1011T-I/ML
Description  AR1000 Series Resistive Touch Screen Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011T-I/ML Datasheet(HTML) 28 Page - Microchip Technology

Back Button AR1011T-I/ML Datasheet HTML 24Page - Microchip Technology AR1011T-I/ML Datasheet HTML 25Page - Microchip Technology AR1011T-I/ML Datasheet HTML 26Page - Microchip Technology AR1011T-I/ML Datasheet HTML 27Page - Microchip Technology AR1011T-I/ML Datasheet HTML 28Page - Microchip Technology AR1011T-I/ML Datasheet HTML 29Page - Microchip Technology AR1011T-I/ML Datasheet HTML 30Page - Microchip Technology AR1011T-I/ML Datasheet HTML 31Page - Microchip Technology AR1011T-I/ML Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
DS40001393C-page 28
 2009-2016 Microchip Technology Inc.
8.2.11
TouchOptions Register (OFFSET
0x0D)
The TouchOptions register contains various “touch”
related option bits.
8.2.12
CalibrationInset Register (OFFSET
0x0E)
The CalibrationInset register defines the expected
position of the calibration points, inset from the
perimeter of the touch sensor’s active area, by a
percentage of the full scale dimension.
This allows for the calibration targets to be placed inset
from edge to make it easier for a user to touch them.
The CalibrationInset register value is only used when
the CALIBRATION_MODE command is issued to the
controller. In Calibration mode, the controller will
extrapolate the calibration point touch report values by
the defined CalibrationInset percentage to achieve full
scale.
A
software
application
that
issues
the
CALIBRATION_MODE
command must present the
displayed calibration targets at the same inset
percentage as defined in this CalibrationInset register.
Valid values are as follows:
0 ≤ CalibrationInset ≤ 40
Calibration Inset = (CalibrationInset/2) %, Range of 0-
20% with 0.5% resolution
For example, CalibrationInset = 25 (0x19) yields a
calibration inset of (25/2) or 12.5%. During the
calibration procedure, the controller will internally
extrapolate the calibration point touch values in
Calibration mode by 12.5% to achieve full scale.
FIGURE 8-1:
CALIBRATION TARGET
EXAMPLE
REGISTER 8-2:
TouchOptions REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
R/W
R/W
—
—
—
—
—
—
48W
CCE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
bit 7-2
Unimplemented
: Read as ‘0’
bit 1
48W:
4-Wire or 8-Wire Sensor Selection bit
1
= Selects 8-wire Sensor Operating mode
0
= Selects 4-wire Sensor Operating mode
bit 0
CCE:
Calibrated Coordinates Enable bit
1
= Enables calibrated coordinates, if the controller has been calibrated
0
= Disables calibrated coordinates
Note:
A 4-wire touch sensor will not work if the
48W Configuration bit is incorrectly
defined as 1, which selects 8-wire.
An 8-wire touch sensor will provide basic
operation if the 48W Configuration bit is
incorrectly defined as 0, which selects 4-
wire. However, the benefit of the 8-wire
sensor will only be realized if the 48W
Configuration bit is correctly defined as 1,
selecting 8-wire.
Location of Calibration
Targets presented during
Calibration.
12.5% of
Full Scale
12.5% of
Full Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com