Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR1011T-I/ML Datasheet(PDF) 14 Page - Microchip Technology

Part # AR1011T-I/ML
Description  AR1000 Series Resistive Touch Screen Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011T-I/ML Datasheet(HTML) 14 Page - Microchip Technology

Back Button AR1011T-I/ML Datasheet HTML 10Page - Microchip Technology AR1011T-I/ML Datasheet HTML 11Page - Microchip Technology AR1011T-I/ML Datasheet HTML 12Page - Microchip Technology AR1011T-I/ML Datasheet HTML 13Page - Microchip Technology AR1011T-I/ML Datasheet HTML 14Page - Microchip Technology AR1011T-I/ML Datasheet HTML 15Page - Microchip Technology AR1011T-I/ML Datasheet HTML 16Page - Microchip Technology AR1011T-I/ML Datasheet HTML 17Page - Microchip Technology AR1011T-I/ML Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
DS40001393C-page 14
 2009-2016 Microchip Technology Inc.
4.0
I2C COMMUNICATIONS
The AR1021 is an I2C slave device with a 7-bit address
of 0x4D, supporting up to 400 kHz bit rate.
A master (host) device interfaces with the AR1021.
4.1
I2C Hardware Interface
A summary of the hardware interface pins is shown
below in Table 4-1.
M1 Pin
• The M1 pin must be connected to VSS to
configure the AR1021 for I2C communications.
SCL Pin
• The SCL (Serial Clock) pin is electrically
open-drain and requires a pull-up resistor,
typically 2.2 K
 to 10 K, from SCL to VDD.
• SCL Idle state is high.
SDA Pin
• The SDA (Serial Data) pin is electrically
open-drain and requires a pull-up resistor,
typically 2.2 K
 to 10 K, from SDA to VDD.
• SDA Idle state is high.
• Master write data is latched in on SCL rising
edges.
• Master read data is latched out on SCL falling
edges to ensure it is valid during the subsequent
SCL high time.
SDO Pin
• The SDO pin is a driven output interrupt to the
master.
• SDO Idle state is low.
• SDO will be asserted high when the AR1021 has
data ready (touch report or command response)
for the master to read.
TABLE 4-1:
I2C HARDWARE INTERFACE
AR1021 Pin
Description
M1
Connect to VSS to select I2C communications
SCL
Serial Clock
SDA
Serial Data
SDO
Data ready interrupt output to master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com