Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR1011T-I/ML Datasheet(PDF) 33 Page - Microchip Technology

Part # AR1011T-I/ML
Description  AR1000 Series Resistive Touch Screen Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011T-I/ML Datasheet(HTML) 33 Page - Microchip Technology

Back Button AR1011T-I/ML Datasheet HTML 29Page - Microchip Technology AR1011T-I/ML Datasheet HTML 30Page - Microchip Technology AR1011T-I/ML Datasheet HTML 31Page - Microchip Technology AR1011T-I/ML Datasheet HTML 32Page - Microchip Technology AR1011T-I/ML Datasheet HTML 33Page - Microchip Technology AR1011T-I/ML Datasheet HTML 34Page - Microchip Technology AR1011T-I/ML Datasheet HTML 35Page - Microchip Technology AR1011T-I/ML Datasheet HTML 36Page - Microchip Technology AR1011T-I/ML Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
 2009-2016 Microchip Technology Inc.
DS40001393C-page 33
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
9.3.2
ENABLE_TOUCH
– 0x12
Controller will send touch coordinate reports for valid
touch conditions.
Send:
<0x55><0x01><0x12>
Receive: <0x55><0x02><Response><0x12>
9.3.3
DISABLE_TOUCH
– 0x13
Controller will not send any touch coordinate reports. A
touch will, however, still wake-up the controller if
asleep.
Send:
<0x55><0x01><0x13>
Receive: <0x55><0x02><Response><0x13>
9.3.4
CALIBRATE
– 0x14
Enter Calibration mode. This instructs the controller to
enter a mode of accepting the next four touches as the
calibration point coordinates. See Section 10.1 “Cali-
bration of Touch Sensor with Controller”
for an
example.
Completion of Calibration mode will automatically store
the calibration point coordinates in on-board controller
memory and set (to 1) the CCE bit of the TouchOptions
register. This bit enables the controller to report touch
coordinates that have been processed with the
previously collected calibration data.
To provide for proper touch orientation, the four
sequential calibration touches must be input in the
physical order on the touch sensor, as shown in
Figure 9-1.
FIGURE 9-1:
CALIBRATION ROUTINE
SEQUENCE
Upon completion, the controller’s register values and
calibration data are stored to the EEPROM.
The Calibration mode will be canceled by sending any
command before the mode has been completed. If the
calibration is canceled, the controller response may
appear incorrect or incomplete. This is expected
behavior.
Touch Sensor
#1
#2
#4
#3
Upper Left
Upper Right
Lower Right
Lower Left



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com