Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR1011T-I/ML Datasheet(PDF) 51 Page - Microchip Technology

Part # AR1011T-I/ML
Description  AR1000 Series Resistive Touch Screen Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011T-I/ML Datasheet(HTML) 51 Page - Microchip Technology

Back Button AR1011T-I/ML Datasheet HTML 47Page - Microchip Technology AR1011T-I/ML Datasheet HTML 48Page - Microchip Technology AR1011T-I/ML Datasheet HTML 49Page - Microchip Technology AR1011T-I/ML Datasheet HTML 50Page - Microchip Technology AR1011T-I/ML Datasheet HTML 51Page - Microchip Technology AR1011T-I/ML Datasheet HTML 52Page - Microchip Technology AR1011T-I/ML Datasheet HTML 53Page - Microchip Technology AR1011T-I/ML Datasheet HTML 54Page - Microchip Technology AR1011T-I/ML Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
 2009-2016 Microchip Technology Inc.
DS40001393C-page 51
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
RECOMMENDED LAND PATTERN
Microchip Technology Drawing No. C04-2072B
20-Lead Plastic Shrink Small Outline (SS) - 5.30 mm Body [SSOP]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
c
G
E
X1
Y1
SILK SCREEN
Dimension Limits
Units
C
Contact Pad Spacing
Contact Pitch
MILLIMETERS
0.65 BSC
MIN
E
MAX
7.20
Contact Pad Length (X20)
Contact Pad Width (X20)
Y1
X1
1.75
0.45
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1. Dimensioning and tolerancing per ASME Y14.5M
G
Distance Between Pads
0.20
NOM
0.45
0.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com