Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR1011T-I/ML Datasheet(PDF) 46 Page - Microchip Technology

Part # AR1011T-I/ML
Description  AR1000 Series Resistive Touch Screen Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011T-I/ML Datasheet(HTML) 46 Page - Microchip Technology

Back Button AR1011T-I/ML Datasheet HTML 42Page - Microchip Technology AR1011T-I/ML Datasheet HTML 43Page - Microchip Technology AR1011T-I/ML Datasheet HTML 44Page - Microchip Technology AR1011T-I/ML Datasheet HTML 45Page - Microchip Technology AR1011T-I/ML Datasheet HTML 46Page - Microchip Technology AR1011T-I/ML Datasheet HTML 47Page - Microchip Technology AR1011T-I/ML Datasheet HTML 48Page - Microchip Technology AR1011T-I/ML Datasheet HTML 49Page - Microchip Technology AR1011T-I/ML Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
DS40001393C-page 46
 2009-2016 Microchip Technology Inc.
11.1
Minimum Operating Voltage
The AR1000 series controller will operate down to 2.5V ± 5%. Touch performance will be optimized by using the
highest allowable voltage for the design.
The PICkit™ Serial included in the AR1000 Development kit supports 3V-5V range of operation.
11.2
AR1000 Electrical Characteristics
Operating Voltage:
2.5 ≤ VDD ≤ 5.25V
Function
Pin
Input
Output
M1
M1
VSS ≤ VIL ≤ 0.15*VDD
(0.25*VDD + 0.9V) ≤ VIH ≤ VDD
—
M2
M2
VSS ≤ VIL ≤ 0.15*VDD
(0.25*VDD + 0.9V) ≤ VIH ≤ VDD
—
SCL/SCK
SCL/SCK/TX
VSS ≤ VIL ≤ 0.2*VDD
0.8*VDD ≤ VIH ≤ VDD
—
TX
SCL/SCK/TX
—
VSS ≤ VOL(1) ≤ (1.2V – 0.15*VDD)(2)
(1.25*VDD – 2.25V)(3) ≤ VOH(1) ≤ VDD
SDI
SDI/SDA/RX
VSS ≤ VIL ≤ 0.2*VDD
0.8*VDD ≤ VIH ≤ VDD
—
SDO
SDO
—
VSS ≤ VOL(1) ≤ (1.2V – 0.15*VDD)(2)
(1.25*VDD – 2.25V)(3) ≤ VOH(1) ≤ VDD
SIQ
SIQ
—
VSS ≤ VOL(1) ≤ (1.2V – 0.15*VDD)(2)
(1.25*VDD – 2.25V)(3) ≤ VOH(1) ≤ VDD
SDA
SDI/SDA/RX
VSS ≤ VIL ≤ 0.2*VDD
0.8*VDD ≤ VIH ≤ VDD
Open-drain
RX
SDI/SDA/RX
VSS ≤ VIL ≤ 0.2*VDD
0.8*VDD ≤ VIH ≤ VDD
—
SS
SS
VSS ≤ VIL ≤ 0.2*VDD
0.8*VDD ≤ VIH ≤ VDD
—
Note 1:
These parameters are characterized but not tested.
2:
At 10 mA.
3:
At -4 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com