Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3984 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP3984
Description  Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3984 Datasheet(HTML) 2 Page - Texas Instruments

  LP3984 Datasheet HTML 1Page - Texas Instruments LP3984 Datasheet HTML 2Page - Texas Instruments LP3984 Datasheet HTML 3Page - Texas Instruments LP3984 Datasheet HTML 4Page - Texas Instruments LP3984 Datasheet HTML 5Page - Texas Instruments LP3984 Datasheet HTML 6Page - Texas Instruments LP3984 Datasheet HTML 7Page - Texas Instruments LP3984 Datasheet HTML 8Page - Texas Instruments LP3984 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LP3984
SNVS160F – OCTOBER 2001 – REVISED OCTOBER 2013
www.ti.com
Block Diagram
Pin Descriptions
Name
DSBGA (1)
SOT
Function
VEN
A2
3
Enable Input Logic, Enable High
GND
A1
2
Common Ground
VOUT
B1
5
Output Voltage of the LDO
VIN
B2
1
Input Voltage of the LDO
N.C.
4
No Connection
(1)
The pin numbering scheme for the DSBGA package was revised in April 2002 to conform to JEDEC standards. Only the pin numbers
were revised. No changes to the physical locations of the inputs/outputs were made. For reference purposes, the obsolete numbering
scheme had GND as pin 1, VOUT as pin 2, VIN as pin 3 and VEN as pin 4.
Connection Diagram
SOT-23-5 Package
Figure 1. Top View
See Package Number DBV
DSBGA, 4-Bump Package
Figure 2. Top View
See Package Number YPB0004
2
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LP3984



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com