Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3984 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP3984
Description  Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3984 Datasheet(HTML) 4 Page - Texas Instruments

  LP3984 Datasheet HTML 1Page - Texas Instruments LP3984 Datasheet HTML 2Page - Texas Instruments LP3984 Datasheet HTML 3Page - Texas Instruments LP3984 Datasheet HTML 4Page - Texas Instruments LP3984 Datasheet HTML 5Page - Texas Instruments LP3984 Datasheet HTML 6Page - Texas Instruments LP3984 Datasheet HTML 7Page - Texas Instruments LP3984 Datasheet HTML 8Page - Texas Instruments LP3984 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LP3984
SNVS160F – OCTOBER 2001 – REVISED OCTOBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Unless otherwise specified: VIN = 2.5V for 1.5V and 1.8V options, VIN = VOUT + 0.5 for output options higher than 2.5V, CIN = 1
µF, IOUT = 1mA, COUT = 1 µF, tantalum. Typical values and limits appearing in standard typeface are for TJ = 25°C. Limits
appearing in boldface type apply over the entire junction temperature range for operation,
−40°C to +125°C.
(1) (2)
Limit
Symbol
Parameter
Conditions
Typ
Units
Min
Max
Output Voltage Tolerance
−1.2
1.2
% of
−2.0
2.0
VOUT(nom)
Line Regulation Error
VIN = 2.5V to 4.5V for 1.5V and 1.8V
options
0.05
−0.15
0.15
%/V
VIN = (VOUT + 0.5V) to 4.5V for Voltage
ΔVOUT
options higher than 2.5V
Load Regulation Error(3)
IOUT = 1 mA to 150 mA
0.002
0.005
LP3984IM5 (SOT-23-5)
%/mA
LP3984IBP (DSBGA)
0.0009
0.002
VIN = VOUT(nom) + 0.2V,
f = 1 kHz,
60
IOUT = 50 mA, Figure 4
PSRR
Power Supply Rejection Ratio
dB
VIN = VOUT(nom) + 0.2V,
f = 10 kHz,
40
IOUT = 50 mA, Figure 4
IQ
Quiescent Current
VEN = 1.4V, IOUT = 0 mA
80
125
VEN = 1.4V, IOUT = 0 to 150 mA
110
150
µA
VEN = 0.4V
0.005
1.2
Dropout Voltage(4)
IOUT = 1 mA
0.6
2.5
IOUT = 50 mA
25
40
mV
IOUT = 100 mA
50
80
IOUT = 150 mA
75
120
ISC
Short Circuit Current Limit
Output Grounded
600
mA
(Steady State)
IOUT(PK)
Peak Output Current
VOUT ≥ VOUT(nom) - 5%
600
300
mA
TON
Turn-On Time(5)
20
µs
en
Output Noise Voltage
BW = 10 Hz to 100 kHz,
90
µVrms
COUT = 1µF tant.
IEN
Maximum Input Current at EN
VEN = 0.4 and VIN = 6.0
±1
nA
VIL
Maximum Low Level Input Voltage VIN = 2.5 to 6.0V
0.4
V
at EN
VIH
Minimum High Level Input Voltage VIN = 2.5 to 6.0V
1.4
V
at EN
COUT
Output Capacitor
Capacitance
1
22
µF
ESR
2
10
Ω
Thermal Shutdown Temperature
160
°C
TSD
Thermal Shutdown Hysteresis
20
°C
(1)
Min and Max Limits are verified by design, test, or statistical analysis. Typical (Typ.) numbers are not verified, but do represent the most
likely norm.
(2)
The target output voltage, which is labeled VOUT(nom), is the desired voltage option.
(3)
An increase in the load current results in a slight decrease in the output voltage and vice versa.
(4)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This
specification does not apply for input voltages below 2.5V.
(5)
Turn-on time is time measured between the enable input just exceeding VIH and the output voltage just reaching 95% of its nominal
value.
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LP3984



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com