Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3984 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP3984
Description  Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3984 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3984 Datasheet HTML 5Page - Texas Instruments LP3984 Datasheet HTML 6Page - Texas Instruments LP3984 Datasheet HTML 7Page - Texas Instruments LP3984 Datasheet HTML 8Page - Texas Instruments LP3984 Datasheet HTML 9Page - Texas Instruments LP3984 Datasheet HTML 10Page - Texas Instruments LP3984 Datasheet HTML 11Page - Texas Instruments LP3984 Datasheet HTML 12Page - Texas Instruments LP3984 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
LP3984
www.ti.com
SNVS160F – OCTOBER 2001 – REVISED OCTOBER 2013
APPLICATION HINTS
External Capacitors
Like any low-dropout regulator, the LP3984 requires external capacitors for regulator stability. The LP3984 is
specifically designed for portable applications requiring minimum board space and smallest components. These
capacitors must be correctly selected for good performance.
Input Capacitors
An input capacitance of
≊ 1 µF is required between the LP3984 input pin and ground (the amount of the
capacitance may be increased without limit).
This capacitor must be located a distance of not more than 1 cm from the input pin and returned to a clean
analog ground. Any good quality ceramic, tantalum, or film capacitor may be used at the input.
Important: Tantalum capacitors can suffer catastrophic failures due to surge current when connected to a low-
impedance source of power (like a battery or a very large capacitor). If a tantalum capacitor is used at the input,
it must be specified by the manufacturer to have a surge current rating sufficient for the application.
There are no requirements for the ESR on the input capacitor, but tolerance and temperature coefficient must be
considered when selecting the capacitor to ensure the capacitance will be
≊ 1 µF over the entire operating
temperature range.
Output Capacitor
The LP3984 is designed specifically to work with tantalum output capacitors. A tantalum capacitor in 1 to 22 µF
range with 2
Ω to 10Ω ESR range is suitable in the LP3984 application circuit.
It may also be possible to use film capacitors at the output, but these are not as attractive for reasons of size and
cost.
The output capacitor must meet the requirement for minimum amount of capacitance and also have an ESR
(Equivalent Series Resistance) value which is within a stable range (2
Ω to 10Ω).
No-Load Stability
The LP3984 will remain stable and in regulation with no external load. This is specially important in CMOS RAM
keep-alive applications.
On/Off Input Operation
The LP3984 is turned off by pulling the VEN pin low, and turned on by pulling it high. If this feature is not used,
the VEN pin should be tied to VIN to keep the regulator output on at all times. To assure proper operation, the
signal source used to drive the VEN input must be able to swing above and below the specified turn-on/off voltage
thresholds listed in the Electrical Characteristics section under VIL and VIH.
Fast On-Time
The LP3984 output is turned on after Vref voltage reaches its final value (1.23V nominal). To speed up this
process, the noise reduction capacitor at the bypass pin is charged with an internal 70 µA current source. The
current source is turned off when the bandgap voltage reaches approximately 95% of its final value. The turn-on
time is determined by the time constant of the bypass capacitor. The smaller the capacitor value, the shorter the
turn-on time, but less noise gets reduced. As a result, turn-on time and noise reduction need to be taken into
design consideration when choosing the value of the bypass capacitor.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3984



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com