Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3984 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3984
Description  Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3984 Datasheet(HTML) 1 Page - Texas Instruments

  LP3984 Datasheet HTML 1Page - Texas Instruments LP3984 Datasheet HTML 2Page - Texas Instruments LP3984 Datasheet HTML 3Page - Texas Instruments LP3984 Datasheet HTML 4Page - Texas Instruments LP3984 Datasheet HTML 5Page - Texas Instruments LP3984 Datasheet HTML 6Page - Texas Instruments LP3984 Datasheet HTML 7Page - Texas Instruments LP3984 Datasheet HTML 8Page - Texas Instruments LP3984 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
12F
NC
LP3984
VIN
VOUT
VEN
3(A2)
5(B1)
4
2(A1)
12F
1(B2)
Tant
LP3984
www.ti.com
SNVS160F – OCTOBER 2001 – REVISED OCTOBER 2013
LP3984 Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
4-I/O DSBGA Package
Check for Samples: LP3984
1
FEATURES
DESCRIPTION
The LP3984 is designed for portable and wireless
2
•
Miniature 4-I/O DSBGA or SOT-23-5 Package
applications with demanding performance and space
•
Logic controlled enable
requirements.
•
Stable with Tantalum Capacitors
The LP3984's performance is optimized for battery
•
1 µF Tantalum Output Capacitor
powered systems to deliver extremely low dropout
•
Fast Turn-On
voltage and low quiescent current. Regulator ground
current increases only slightly in dropout, further
•
Thermal Shutdown and Short-Circuit Current
prolonging the battery life.
Limit
Power supply rejection is better than 60 dB at low
KEY SPECIFICATIONS
frequencies and starts to roll off at 10 kHz. High
power supply rejection is maintained down to low
•
2.5 to 6.0V Input Range
input voltage levels common to battery operated
•
150 mA Output
circuits.
•
60 dB PSRR at 1 kHz, 40 dB at 10 kHz @ 3.1VIN
The device is ideal for mobile phone and similar
•
≤ 1.2 µA Quiescent Current when Shut Down
battery powered wireless applications. It provides up
to 150 mA from a 2.5V to 6V input. The LP3984
•
Fast Turn-On Time: 20 µs (typ.)
consumes less than 1.2 µA in disable mode and has
•
75 mV typ Dropout with 150 mA Load
fast turn-on time less than 20 µs.
•
−40 to +125°C Junction Temperature Range for
The LP3984 is available in a 4-bump DSBGA and 5-
Operation
pin SOT-23 packages. Performance is specified for
•
1.5V, 1.8V, 2.9V and 3.1V
−40°C to +125°C temperature range and is available
in 1.5V, 1.8V, 2.9V and 3.1V output voltages. For
APPLICATIONS
other output voltage options from 1.5V to 3.5V,
please contact TI sales office.
•
CDMA Cellular Handsets
•
Wideband CDMA Cellular Handsets
•
GSM Cellular Handsets
•
Portable Information Appliances
Typical Application Circuit
Note: Pin Numbers in parenthesis indicate DSBGA package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3984

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3984 NSC-LP3984 Datasheet
293Kb / 11P
Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature 4-I/O micro SMD Package
logo
Lowpower Semiconductor ...
LP3984 POWER-LP3984 Datasheet
382Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3984-12B5F POWER-LP3984-12B5F Datasheet
382Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3984-15B5F POWER-LP3984-15B5F Datasheet
382Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3984-18B5F POWER-LP3984-18B5F Datasheet
382Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
More results

Similar Description - LP3984

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3987ITL-2.6 TI-LP3987ITL-2.6 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low Dropout CMOS Voltage Regulator With Sleep MODE
LP3984 TI-LP3984_15 Datasheet
1Mb / 19P
LP3984 Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature 4-I/O DSBGA Package
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3988 TI-LP3988_15 Datasheet
1,010Kb / 25P
LP3988 Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator With Power Good
LP3981 TI1-LP3981_16 Datasheet
1Mb / 25P
Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3986 TI1-LP3986 Datasheet
1Mb / 18P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com