Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3984 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP3984
Description  Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3984 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3984 Datasheet HTML 2Page - Texas Instruments LP3984 Datasheet HTML 3Page - Texas Instruments LP3984 Datasheet HTML 4Page - Texas Instruments LP3984 Datasheet HTML 5Page - Texas Instruments LP3984 Datasheet HTML 6Page - Texas Instruments LP3984 Datasheet HTML 7Page - Texas Instruments LP3984 Datasheet HTML 8Page - Texas Instruments LP3984 Datasheet HTML 9Page - Texas Instruments LP3984 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
LP3984
SNVS160F – OCTOBER 2001 – REVISED OCTOBER 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified, CIN = COUT = 1 µF Tantalum, VIN = 2.5 for 1.5V and 1.8V options, VIN = VOUT + 0.2V for output
options higher than 2.5V, TA = 25°C, Enable pin is tied to VIN.
Power Supply Rejection Ratio (VIN = 3.5V)
Power Supply Rejection Ratio (VIN = 3.5V)
Figure 5.
Figure 6.
Power Supply Rejection Ratio (VIN = 3.5V)
Power Supply Rejection Ratio (LP3984-1.5, VIN = 2.5V)
Figure 7.
Figure 8.
Line Transient Response (LP3984-3.1)
Line Transient Response (LP3984-3.1)
Figure 9.
Figure 10.
6
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LP3984



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com