Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8754 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8754 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 32Page - Texas Instruments LP8754 Datasheet HTML 33Page - Texas Instruments LP8754 Datasheet HTML 34Page - Texas Instruments LP8754 Datasheet HTML 35Page - Texas Instruments LP8754 Datasheet HTML 36Page - Texas Instruments LP8754 Datasheet HTML 37Page - Texas Instruments LP8754 Datasheet HTML 38Page - Texas Instruments LP8754 Datasheet HTML 39Page - Texas Instruments LP8754 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
LP8754
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
www.ti.com
Bits
Field
Type
Default
Description
7:0
BUCK_LOAD_
R
0000 0000 BUCK_LOAD_CURR
CURR[7:0]
This register reports 8 LSB bits of the magnitude of the average load current of the
selected Buck Converter. The value is reported with a resolution of 10 mA per LSB
and 20A max current. Three MSB bits are reported by
SEL_I_LOAD.BUCK_LOAD_CURR[10:8] bits, see SEL_I_LOAD.
The current reported is an average over the last 5 milliseconds. The host system has
read-only access to this register. This register is cleared to 0 on all resets.
000 0000 0000 Load current lower than 10 mA
000 0000 0001 10 mA
≤ Load current < 20 mA
...
111 1111 1110 20460 mA
≤ Load current < 20470 mA
111 1111 1111 Load current 20470 mA or higher.
Note: Not production tested. Typical values for reference only.
7.6.21 INT_MASK_2
Address: 0x2E
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
MASK_ILOAD_
MASK_UVLO
MASK_TWARN
MASK_TEMP
READY
ING
Bits
Field
Type
Default
Description
7:4
Reserved
R/W
0000
3
MASK_ILOAD_
R/W
1
Interrupt mask for load current measurement flag
READY
1 = FLAGS_1.I_LOAD_READY does not set interrupt.
0 = FLAGS_1.I_LOAD_READY sets interrupt.
2
MASK_UVLO
R/W
0
Interrupt mask for undervoltage lock-out flag
1 = FLAGS_1.UVLO does not set interrupt.
0 = FLAGS_1.UVLO sets interrupt, when triggered.
1
MASK_
R/W
1
Interrupt mask for thermal warning flag
TWARNING
1 = FLAGS_1.T_WARNING does not set interrupt.
0 = FLAGS_1.T_WARNING sets interrupt, when triggered.
0
MASK_TEMP
R/W
1
Interrupt mask for die temperature flag bits
1 = FLAGS_0.TEMP[1:0] value change does not set interrupt.
0 = FLAGS_0.TEMP[1:0] value change sets interrupt.
36
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com