Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8754 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8754 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 2Page - Texas Instruments LP8754 Datasheet HTML 3Page - Texas Instruments LP8754 Datasheet HTML 4Page - Texas Instruments LP8754 Datasheet HTML 5Page - Texas Instruments LP8754 Datasheet HTML 6Page - Texas Instruments LP8754 Datasheet HTML 7Page - Texas Instruments LP8754 Datasheet HTML 8Page - Texas Instruments LP8754 Datasheet HTML 9Page - Texas Instruments LP8754 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
LP8754
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
www.ti.com
6.4 Thermal Information
LP8754
THERMAL METRIC(1)
YFQ
UNIT
49 PINS
RθJA
Junction-to-ambient thermal resistance
49.2
RθJCtop
Junction-to-case (top) thermal resistance
0.2
RθJB
Junction-to-board thermal resistance
6.6
°C/W
ψJT
Junction-to-top characterization parameter
2.9
ψJB
Junction-to-board characterization parameter
6.5
RθJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 General Electrical Characteristics
(1) (2)
Limits apply over the full ambient temperature range -40°C
≤ TA ≤ 85°C, VVDDA5V = VVINBXX = 3.7 V, VVIOSYS = VNRST = 1.8 V,
VOUT = 1.1 V, (unless otherwise noted).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENTS
Shutdown supply current.
Total current into power
ISHDN
VVIOSYS = 0 V, VNRST = 0 V
0.1
2
connections VDDA5V and
VINBXX
µA
Standby mode supply current.
Total current into power
ISTBY
VVIOSYS = 1.8 V, VNRST = 0 V
50
connections VDDA5V and
VINBXX
Low-power PFM Mode, no load, one core
130
µA
Active mode current
active
consumption. Total current
IActive
PFM Mode, no load, one core active
400
µA
into power connections
Forced PWM Mode, no load, one core
VDDA5V and VINBXX
14.5
mA
active
LOGIC AND CONTROL INPUTS SCLSYS, SDASYS, ADDR
0.3 x
VIL
Input low level
VVIOSYS = 1.8 V to 3.3 V
VVIOSYS
VIH
Input high level
VVIOSYS = 1.8 V to 3.3 V
0.7 x VVIOSYS
V
Hysteresis of Schmitt trigger
Vhys
0.1 x VVIOSYS
inputs (SCLSYS, SDASYS)
Ci
Capacitance of pins
See (3)
4
pF
(1)
All voltage values are with respect to network ground pin.
(2)
Minimum (Min) and Maximum (Max) limits are specified by design, test, or statistical analysis. Typical (Typ.) numbers are not ensured,
but do represent the most likely norm.
(3)
Maximum capacitance of SCLSYS or SDASYS line is 8 pF, if ADDR pin is connected to line for serial bus address selection.
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com