Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8754 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8754 Datasheet(HTML) 1 Page - Texas Instruments

  LP8754 Datasheet HTML 1Page - Texas Instruments LP8754 Datasheet HTML 2Page - Texas Instruments LP8754 Datasheet HTML 3Page - Texas Instruments LP8754 Datasheet HTML 4Page - Texas Instruments LP8754 Datasheet HTML 5Page - Texas Instruments LP8754 Datasheet HTML 6Page - Texas Instruments LP8754 Datasheet HTML 7Page - Texas Instruments LP8754 Datasheet HTML 8Page - Texas Instruments LP8754 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
50
60
70
80
90
100
1
10
100
1000
10000
OUTPUT CURRENT (mA)
Low-Power PFM Mode
PFM Mode
PWM Mode
C027
V
IN = 3.7 V, VOUT = 1.1 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP8754
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
LP8754 Multi-Phase Six-Core Step-Down Converter
1 Features
3 Description
The
LP8754
is
designed
to
meet
the
power
1
•
Six High-Efficiency Step-Down DC/DC Converter
management requirements of the latest applications
Cores:
processors in mobile phones and similar portable
–
Max Output Current 10 A
applications. The device contains six step-down
–
Cores Bundled to a 6-Phase Converter
DC/DC converter cores, which are bundled together
in a 6-phase buck converter. The device is fully
–
Load Current Reporting
controlled by a Dynamic Voltage Scaling (DVS)
–
Programmable Overcurrent Protection (OCP)
interface or an I2C-compatible serial interface.
–
Auto PWM/PFM and Forced-PWM Operations
The automatic PWM/PFM operation together with the
and Automatic Low Power-Mode Setting
automatic
phase
adding/shedding
maximizes
–
Automatic Phase Adding/Shedding
efficiency over a wide output current range. The
LP8754 supports remote differential voltage sensing
–
Remote Differential Feedback Voltage Sensing
to compensate IR drop between the regulator output
–
Output Voltage Ramp Control
and the point-of-load thus improving the accuracy of
–
VOUT Range = 0.6 V to 1.67 V
the output voltage.
•
I2C-Compatible Interface which Supports Standard
The
protection
features
include
short-circuit
(100 kHz), Fast (400 kHz), and High-Speed (3.4
protection,
current
limits,
input
OVP,
UVLO,
MHz) Modes
temperature
warning,
and
shutdown
functions.
•
Four Selectable I2C Addresses
Several error flags are provided for status information
of the IC. In addition, I2C read-back includes total
•
Interrupt Function with Programmable Masking
load current and load current for each buck core: The
•
Output Short-Circuit and Input Overvoltage
LP8754 has the ability to sense current being
Protection (OVP)
delivered to the load without the addition of current
•
Spread Spectrum and Phase Control for EMI
sense resistors. During start-up, the device controls
Reduction
the output voltage slew rate to minimize overshoot
and the inrush current.
•
Overtemperature Protection (OTP)
•
Undervoltage Lock-out (UVLO)
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
2 Applications
LP8754
DSBGA (49)
3.022 mm x 2.882 mm
•
Smart Phones, eBooks and Tablets
(1) For all available packages, see the orderable addendum at
•
GSM, GPRS, EDGE, LTE, CDMA and WCDMA
the end of the datasheet.
Handsets
Efficiency vs. Load Current
•
Gaming Devices
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP8754

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8754 TI2-LP8754 Datasheet
1Mb / 52P
LP8754 Multi-Phase Six-Core Step-Down Converter
REVISED AUGUST 2014
LP875484YFQR TI2-LP875484YFQR Datasheet
1Mb / 52P
LP8754 Multi-Phase Six-Core Step-Down Converter
REVISED AUGUST 2014
LP875484YFQR.A TI2-LP875484YFQR.A Datasheet
1Mb / 52P
LP8754 Multi-Phase Six-Core Step-Down Converter
REVISED AUGUST 2014
LP8754 TI-LP8754_15 Datasheet
1Mb / 53P
LP8754 Multi-Phase Six-Core Step-Down Converter
More results

Similar Description - LP8754

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8755 TI1-LP8755_14 Datasheet
1Mb / 51P
Multi-Phase 6-Core Step-Down Converter
logo
Maxim Integrated Produc...
MAX16935 MAXIM-MAX16935 Datasheet
1Mb / 17P
Step-Down Converter
Rev 2; 3/14
logo
SG Micro Corp
SGM6130 SGMICRO-SGM6130 Datasheet
347Kb / 14P
Step-Down Converter
SGM6230 SGMICRO-SGM6230 Datasheet
349Kb / 14P
Step-Down Converter
logo
Texas Instruments
LP8754 TI-LP8754_15 Datasheet
1Mb / 53P
LP8754 Multi-Phase Six-Core Step-Down Converter
TPS62480 TI1-TPS62480 Datasheet
2Mb / 36P
2-Phase Step-Down Converter
logo
Exar Corporation
XRP6668 EXAR-XRP6668 Datasheet
614Kb / 11P
Step Down Converter
logo
Richtek Technology Corp...
RT6212A RICHTEK-RT6212A Datasheet
1Mb / 18P
Step-Down Converter
RT6212C RICHTEK-RT6212C Datasheet
848Kb / 16P
Step-Down Converter
RTQ2134-QA RICHTEK-RTQ2134-QA Datasheet
2Mb / 50P
2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com