Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8754 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8754 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 10Page - Texas Instruments LP8754 Datasheet HTML 11Page - Texas Instruments LP8754 Datasheet HTML 12Page - Texas Instruments LP8754 Datasheet HTML 13Page - Texas Instruments LP8754 Datasheet HTML 14Page - Texas Instruments LP8754 Datasheet HTML 15Page - Texas Instruments LP8754 Datasheet HTML 16Page - Texas Instruments LP8754 Datasheet HTML 17Page - Texas Instruments LP8754 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
385.0
385.5
386.0
386.5
387.0
387.5
388.0
2.5
3.0
3.5
4.0
4.5
5.0
INPUT VOLTAGE (V)
C002
13.0
13.5
14.0
14.5
15.0
15.5
16.0
2.5
3.0
3.5
4.0
4.5
5.0
INPUT VOLTAGE (V)
C003
LP8754
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified: VVDDA5V = VVINBXX = 3.7 V, VOUT = 1.1 V, TA = 25°C
PFM Mode
No load
One core active
PWM Mode
No load
One core active
Figure 6. PFM Mode Current Consumption vs VIN
Figure 7. PWM Mode Current Consumption vs VIN
14
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com