Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8754 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8754 Datasheet(HTML) 37 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 33Page - Texas Instruments LP8754 Datasheet HTML 34Page - Texas Instruments LP8754 Datasheet HTML 35Page - Texas Instruments LP8754 Datasheet HTML 36Page - Texas Instruments LP8754 Datasheet HTML 37Page - Texas Instruments LP8754 Datasheet HTML 38Page - Texas Instruments LP8754 Datasheet HTML 39Page - Texas Instruments LP8754 Datasheet HTML 40Page - Texas Instruments LP8754 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
10 2F
10 2F
SYSTEM VOLTAGE
2.5 V - 5.0 V
1 2F
VINB0/B1
VINB2
VINB5
VINB3/B4
VDDA5V
VIOSYS
VIO1V8
SDASR
SCLSR
VLDO
1 2F
CLDO
CIN0
CIN1
CIN2
CIN3
CVDD
0.47 2H
SWB0
0.47 2H
L0
L1
SWB1
CPU
LOAD
10A
MAX
OUTPUT
VOLTAGE
SWB3
LP8754: 6-PHASE
CONFIGURATION
RP1
RP2
VIO1V8
RP3
SDASYS
SCLSYS
INT
NSLP
NRST
APPLICATIONS
PROCESSOR
SWB2
0.47 2H
0.47 2H
0.47 2H
0.47 2H
SWB4
SWB5
L2
L3
L4
L5
COUT6PH
4 x 22 2F
FBB0+/B0
FBB0-/B1
FBB2
FBB3+/B3
FBB3-/B4
FBB5
10 2F
10 2F
CPU POWER REQUEST
1 2F
CVIOSYS
OPTIONAL
LP8754
www.ti.com
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
8 Application and Implementation
8.1 Application Information
The LP8754 is a multi-phase step-down converter with 6 switcher cores bundled together.
8.2 Typical Application
Figure 24. 6-Phase Configuration Schematic
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com