Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 43Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 44Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 45Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 46Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 47Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 48Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 49Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 50Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Table 2-5. Terminal Functions (continued)
SIGNAL
TYPE(1)
IPD/IPU(2) (3)
DESCRIPTION
NAME
NO.
N25
1.2-V RapidIO termination supply voltage
NC or connected to VSS, if RapidIO is not used
Do not connect this SERDES supply to CVDD1
NOTE: If the RapidIO interface is not used, the CVDD2, AVDDA,
AVDDT
I
DVDDD, DVDDR, and AVDDT pins can be NC or connected directly
R25
to VSS (GND) to reduce power use. However, connecting these
pins in this way prevents boundary scan from functioning on the
RapidIO pins. To preserve boundary-scan functionality on the
RapidIO pins, see Section 7.3.3.
AC14
AC16
AC18
1.5-V/1.8-V supply voltage for RGMII HSTL buffers
AC20
NC or connected to VSS, if RGMII is not used
NOTE: If the RGMII mode of the EMAC is not used, the DVDD15,
AD15
DVDD15MON, VREFHSTL, PTV15P, and PTV15N pins can be NC or
DVDD15
AD17
I
connected directly to VSS (GND) to save power. However,
AD19
connecting these pins in this way will prevent boundary-scan from
functioning on the RGMII pins of the EMAC. To preserve
AD21
boundary-scan functionality on the RGMII pins, see Section 7.3.3.
AH14
AH20
AJ18
0.75-V/0.9-V DVDD15 reference supply voltage
NC or connected to VSS, if RGMII is not used
NOTE: If the RGMII mode of the EMAC is not used, the DVDD15,
DVDD15MON, VREFHSTL, PTV15P, and PTV15N pins can be NC or
VREFHSTL
AE17
I
connected directly to VSS (GND) to save power. However,
connecting these pins in this way will prevent boundary-scan from
functioning on the RGMII pins of the EMAC. To preserve
boundary-scan functionality on the RGMII pins, see Section 7.3.3.
DDR 0.9-V VREFSSTL reference supply voltage
NC or connected to VSS, if DDR is not used
NOTE: If the DDR2 Memory Controller is not used, the DVDD18,
DVDD18MON, VREFSSTL, AVDDA3, AVDDA4, CVDD1, PTV18P, and
VREFSSTL
E10
I
PTV18N pins can be NC or connected directly to VSS (GND) to
save power. However, connecting these pins this way prevents
boundary scan from functioning on the DDR2 Memory Controller
pins. To preserve boundary-scan functionality on the DDR2
Memory Controller pins, see Section 7.3.3.
Copyright
© 2009–2011, Texas Instruments Incorporated
Device Overview
47
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com